PART |
Description |
Maker |
MPX700GVSX MPX700 MPX700A MPX700AP MPX700AS MPX700 |
0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
MPX10GP MPX10GVP MPX10 MPX10D MPX10DP MPX10GS MPX1 |
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) 00千帕-1.45 PSI)的35压全尺寸跨度(典型) 0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-1.45Psi, 1%, 20-80mV, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
MPX7200 MPX7200A MPX7200AP MPX7200AS MPX7200ASX MP |
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL) 000千帕9 PSI)的全尺寸为40 mV跨度(典型)
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
SC5203 SC5203-3.0CSK SC5203-3.3CSK SC5203-3.6CSK S |
5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 3.8 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR 80mA的超低压降稳压器 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 200 psi, Absolute, Cell with body o-ring, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/4-18 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
5962-9559201MEA AD677-EB AD677 AD677KD AD677JD AD6 |
16-Bit 100 kSPS Sampling ADC 16-Bit, Serial, 100 kSPS Sampling ADC. Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/4 BSPP, 10 Vdc excitation
|
Analog Devices, Inc.
|
MPXV2102DP MPXV2102GP MPX2102 MPX2102A MPX2102AP M |
100 kPa On-Chip Temperature Compensated AND Calibrated Silicon Pressure Sensors
|
Freescale Semiconductor... FREESCALE[Freescale Semiconductor, Inc]
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
HDSP-A511-JK000 HDSP-H511-GH000 HDSP-F511-IJ000 HD |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 40PC Series, Gage; Amplified; Range: 0 psi to 30.0 psi 十四点二毫米0.56英寸),七段显示 10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 14.2 mm (0.56 inch) Seven Segment Displays 十四点二毫米0.56英寸),七段显示 ASDX Series, amplified, gage, 0 psi to 15 psi operating pressure, "G2" DIP package, straight port 十四点二毫米.56英寸),七段显示
|
Ecliptek, Corp. Toshiba, Corp. Cree, Inc.
|
HSCSMND150PA2A3 HSCSMND150PA2A5 HSCSMND150PA3A3 HS |
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
|
Honeywell Solid State Elect... Honeywell Solid State Electronics Center http:// Honeywell Solid State E...
|
|