PART |
Description |
Maker |
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
SRGPP3J |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
|
Gulf Semiconductor
|
CFRM105-G |
Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A
|
Comchip Technology
|
EG01A AG01 EG01 EG01Z AG01A AG01Y AG01Z EG01Y |
400V,Ultra-Fast-Recovery Rectifier Diodes(400V,超快恢复整流二极 0.7 A, 400 V, SILICON, SIGNAL DIODE 70V,Ultra-Fast-Recovery Rectifier Diodes(70V,超快恢复整流二极 600V,Ultra-Fast-Recovery Rectifier Diodes(600V,超快恢复整流二极 200V,Ultra-Fast-Recovery Rectifier Diodes(200V,超快恢复整流二极 387090156
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
FFB20U60S FFB20U60STM |
20A/600V Ultra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
G73MCS-DC9C G73AD-DC12 G73AD-DC12A G73AD-DC12C G73 |
RECT SCHOTTKY 40V 5A POWERMITE3 G73 G73 G73 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.3V-vf 150ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.2V-vf 250ns 5uA-ir DO-15 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1.5A 400V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-15 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir DO-15 1K/BULK LENS RND YLW W/TPT HLDR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MURS105 MURS110 MURS120 MURS130 MURS140 MURS160 |
Super Fast Recovery Pack: SMB Ultra Fast Recovery Pack: SMB ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
FFPF05U60S FFPF05U60STU FFPF05U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 5.0A/600V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
1N4933G 1N4934G 1N4935G 1N4936G 1N4937G |
Fast Recovery Pack: DO-41 GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
F10L60U SF10L60 SF10L60U |
Super Fast Recovery Rectifiers(600V 10A) Super Fast Recovery Rectifiers - Single (Two Terminal Type)
|
Shindengen Electric Mfg... SHINDENGEN[Shindengen Electric Mfg.Co.Ltd]
|