PART |
Description |
Maker |
DO-213AA |
Surface Mount Recti
|
Shenzhen Luguang Electronic Technology Co., Ltd
|
MBRF20200CT_D MBRF20200CT ON0449 |
SWITCHMODESchottky Power Rectifirer SWITCHMODE⑩ Schottky Power Rectifirer From old datasheet system SWITCHMODE Schottky Power Rectifirer 20 AMPERES 150 and 200 VOLTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc] ON Semi
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
TA8263BH TA8263 |
Max Power 43 W BTL 4 ch Audio Power IC Max Power 43 W BTL ??4 ch Audio Power IC Max Power 43 W BTL 】 4 ch Audio Power IC IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC Max Power 43 W BTL × 4 ch Audio Power IC Max Power 43 W BTL x 4 ch Audio Power IC
|
Toshiba Semiconductor
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
FSB147HNY |
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
|
List of Unclassifed Manufacturers
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
2SD1719 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN triple diffusion planar type
|
Panasonic Semiconductor
|
2SC5935P 2SC5935 2SC5935Q |
Power Device - Power Transistors - General-Purpose power amplification SILICON NPN TRIPLE DIFFUSION PLANAR TYPE
|
Panasonic Semiconductor
|
2SC5993 |
Power Device - Power Transistors - Television/Display For power amplification For TV VM circuit
|
PANASONIC[Panasonic Semiconductor]
|
2SD2659 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|