PART |
Description |
Maker |
27C64-25E/P 27C64-25E/J 27C64-25E/TS 27C64-25E/SO |
330MHz, Gain of 1/Gain of 2 Closed-Loop Buffers Evaluation Kit for the MAX4159, MAX4259 High-Speed, Low-Distortion, Differential Line Receivers SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps x8存储 x8 EPROM x8存储
|
Microchip Technology, Inc. TUSONIX, Inc.
|
MAX2056 MAX2056ETX-T |
800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX2057 MAX2057ETX-T MAX2057ETX MAX2057ETX_D MAX20 |
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
|
MAXIM[Maxim Integrated Products]
|
MAX2057ETXD MAX2057ETXTD |
1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
|
Maxim Integrated Products
|
MAX2056 MAX2056ETX-T MAX2056ETX |
From old datasheet system 800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
|
MAXIM[Maxim Integrated Products]
|
C10508-01-15 |
Variable gain, stable detection even at high gain
|
Hamamatsu Corporation
|
NBWLVEP16VR NBLVEP16VR NBLVEP16VRMN NBLVEP16VRMNR2 |
From old datasheet system 2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs RECTIFIER FAST-RECOVERY SINGLE 2A 600V 60A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 4K/REEL-13
|
ONSEMI[ON Semiconductor]
|
PE15A1010 |
40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
|
Pasternack Enterprises, Inc.
|
BGA318 Q62702-G0043 |
From old datasheet system Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 硅双极单片放大器(级0瓦,增益模块十六分贝典型增益.0 GHz2 dBm典型的P - 1dB的在1.0千兆赫) Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 0 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|