PART |
Description |
Maker |
MAX8554 MAX8553 MAX8553EEE MAX8554EEE X8553-MAX855 |
4.5V to 28V Input. Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications Quadruple Positive-NAND Gates With Schmitt-trigger Inputs 14-CFP -55 to 125
|
Maxim Integrated Products, Inc.
|
LN142WP34 LN142WP38 LN142WP34LNG142WHW |
From old datasheet system Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs Square Type 5.0mm X 2.0mm Series 方形五点零毫米2.0系列 Microprocessor Crystal; Frequency:12MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:30ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Pins:2 RoHS Compliant: Yes 方形五点零毫米2.0系列
|
List of Unclassifed Manufacturers ETC Panasonic Electronic Theatre Controls, Inc.
|
VPOL16A-12-SMT |
point of load converter
|
CUI INC,
|
VPOL20A-12W-SMT |
point of load converter
|
CUI INC,
|
VPOL20A-12W-SIP |
point of load converter
|
CUI INC,
|
DOH30-05T DOH30-12T |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
DOH06-12T DOH06-12T-P DOH06-12TA DOH06-12TA-P |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
DOS10-12T DOS10-12T-P |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
DOS16-05T DOS16-05T-P |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
DOH10-12T DOH10-12T-P DOH10-12TA DOH10-12TA-P |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
IR3094MTRPBF IR3094MPBF IR3094PBF |
3 PHASE PWM CONTROLLER FOR POINT OF LOAD
|
International Rectifier
|