PART |
Description |
Maker |
E0C6S27 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit,High Quality Display LCD Driver,Stepping-Motor Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路,高质量的LCD驱动器,步进电机驱动器))
|
爱普生(中国)有限公
|
XR88C681 |
Dual UART CMOS with Two Fully Independent Full Duplex Asynchronous Communications Channels
|
Exar
|
HIP4081AIBT |
80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Independent Control Inputs; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20
|
Intersil, Corp.
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
HIP4081A04 HIP4081AIPZ HIP4081A HIP4081AIB HIP4081 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Independent Control Inputs; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 2.6 A FULL BRDG BASED MOSFET DRIVER, PDSO20
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IR01H214-P2 IR01HD214-P2 IR01H224 IR01H420-P2 IR01 |
PERIPHERAL DRIVER|1 DRIVER|CMOS|SIP|9PIN|PLASTIC 外围设备驱动程序| 1驱动器|的CMOS |园区| 9针|塑料
|
HIROSE ELECTRIC Co., Ltd.
|
GR581 |
GR581 - Low noise Adaptive High Pass Filter with Independent Gain Block Adaptive Highpass Filter with Independent Gain Block
|
Gennum Corporation
|
PI6C2408-1LI PI6C2408-4WI PI6C2408-3WI PI6C2408-6W |
EIGHT DISTRIBUTED-OUTPUT CLOCK DRIVER|CMOS|TSSOP|16PIN|PLASTIC EIGHT DISTRIBUTED-OUTPUT CLOCK DRIVER|CMOS|SOP|16PIN|PLASTIC 16-Bit, 200ksps, Serial Sampling ADC; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C 6C SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 0.173 INCH, TSSOP-16
|
Pericom Semiconductor, Corp. PERICOM SEMICONDUCTOR CORP
|
VCC1-A3O-34M368 VCC1-A3O-34M816 VCC1-A3O-34M56 VCC |
VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT VCXO, CLOCK, 34.816 MHz, CMOS OUTPUT VCXO, CLOCK, 34.56 MHz, CMOS OUTPUT VCXO, CLOCK, 70.626 MHz, CMOS OUTPUT VCXO, CLOCK, 69.632 MHz, CMOS OUTPUT VCXO, CLOCK, 34.45 MHz, CMOS OUTPUT VCXO, CLOCK, 70 MHz, CMOS OUTPUT VCXO, CLOCK, 97.776 MHz, CMOS OUTPUT VCXO, CLOCK, 53.33 MHz, CMOS OUTPUT VCXO, CLOCK, 19.53 MHz, CMOS OUTPUT VCXO, CLOCK, 53.125 MHz, CMOS OUTPUT VCXO, CLOCK, 89.97804 MHz, CMOS OUTPUT VCXO, CLOCK, 89.472 MHz, CMOS OUTPUT VCXO, CLOCK, 89.512 MHz, CMOS OUTPUT VCXO, CLOCK, 48.33008 VCXO, CLOCK, 8.192 MHz, CMOS OUTPUT VCXO, CLOCK, 14.4 MHz, CMOS OUTPUT VCXO, CLOCK, 125.01 MHz, CMOS OUTPUT VCXO, CLOCK, 106.25 MHz, CMOS OUTPUT VCXO, CLOCK, 125 MHz, CMOS OUTPUT VCXO, CLOCK, 39.497 MHz, CMOS OUTPUT VCXO, CLOCK, 103.68 MHz, CMOS OUTPUT VCXO, CLOCK, 35.5 MHz, CMOS OUTPUT VCXO, CLOCK, 12.222 MHz, CMOS OUTPUT VCXO, CLOCK, 51.156 MHz, CMOS OUTPUT VCXO, CLOCK, 52.5 MHz, CMOS OUTPUT VCXO, CLOCK, 78 MHz, CMOS OUTPUT VCXO, CLOCK, 72 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 36.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42.4 MHz, CMOS OUTPUT VCXO, CLOCK, 112.5 MHz, CMOS OUTPUT VCXO, CLOCK, 115.2 MHz, CMOS OUTPUT VCXO, CLOCK, 127 MHz, CMOS OUTPUT VCXO, CLOCK, 116.64 MHz, CMOS OUTPUT VCXO, CLOCK, 110 MHz, CMOS OUTPUT VCXO, CLOCK, 16.61 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10.24 MHz, CMOS OUTPUT VCXO, CLOCK, 114 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 100 MHz, CMOS OUTPUT VCXO, CLOCK, 20.516 MHz, CMOS OUTPUT VCXO, CLOCK, 128 MHz, CMOS OUTPUT VCXO, CLOCK, 12.5 MHz, CMOS OUTPUT VCXO, CLOCK, 21.71055 MHz, CMOS OUTPUT VCXO, CLOCK, 21.504 MHz, CMOS OUTPUT VCXO, CLOCK, 36.86 MHz, CMOS OUTPUT VCXO, CLOCK, 33.3 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 41.472 MHz, CMOS OUTPUT VCXO, CLOCK, 67.5 MHz, CMOS OUTPUT VCXO, CLOCK, 41.657 MHz, CMOS OUTPUT VCXO, CLOCK, 42.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42 MHz, CMOS OUTPUT VCXO, CLOCK, 47.404 MHz, CMOS OUTPUT VCXO, CLOCK, 47.197 MHz, CMOS OUTPUT VCXO, CLOCK, 47.40437 MHz, CMOS OUTPUT VCXO, CLOCK, 12.2725 MHz, CMOS OUTPUT VCXO, CLOCK, 28.8 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 28 MHz, CMOS OUTPUT VCXO, CLOCK, 120 MHz, CMOS OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS OUTPUT VCXO, CLOCK, 2 MHz, CMOS OUTPUT VCXO, CLOCK, 24.54 MHz, CMOS OUTPUT VCXO, CLOCK, 17.734 MHz, CMOS OUTPUT VCXO, CLOCK, 15.974 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
HI-8050 HI-8050PQI HI-8050PQT HI-8051PQT HI-8150 H |
XCR3256XL-10TQ144I 128 MACROCELL 3.3 VOLT ZERO POWER ISP CP - NOT RECOMMENDED for NEW DESIGN 128 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN CMOS High Voltage LCD Display Driver (30-38 Segments) CAP METAL POLYPRO .62UF 630V 5% LIQUID CRYSTAL DISPLAY DRIVER, PQFP52 CMOS HIGH VOLTAGE DISPLAY DRIVER LIQUID CRYSTAL DISPLAY DRIVER, PQFP52
|
Holt Integrated Circuit... HOLTIC[Holt Integrated Circuits] Holt Integrated Circuits, Inc. HOLT INTEGRATED CIRCUITS INC
|
MAX207ECWG MAX207ECNG MAX202ECPE MAX202ECUE MAX207 |
±15kV ESD-Protected, 5V RS-232 Transceivers LINE TRANSCEIVER,CMOS,5 DRIVER,3 RCVR,SOP,24PIN,PLASTIC LINE TRANSCEIVER,CMOS,5 DRIVER,3 RCVR,DIP,24PIN,PLASTIC LINE TRANSCEIVER,2 DRIVER,2 RCVR,DIP,16PIN,PLASTIC Interface IC - Datasheet Reference From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|
|