PART |
Description |
Maker |
BP5027A |
Regulator LSIs > General purpose regulator module > Step-down DC/DC converter (Power modules) DC / DC converter
|
ROHM[Rohm]
|
BP5041A |
Regulator LSIs > General purpose regulator module > AC-DC converter (Power modules)
|
ROHM
|
BP5062A5 |
Regulator LSIs > General purpose regulator module > AC-DC converter (Power modules)
|
ROHM
|
BP5220XA BP5221XA |
Regulator LSIs > General purpose regulator module > Step-down DC/DC converter (Power modules)
|
ROHM
|
HA16114P HA16114 HA16114FP HA16114FPJ HA16114PJ HA |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|
BP5710-1 |
Regulator LSIs > General purpose regulator module > Insulation type AC/DC converter (Power modules)
|
ROHM
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
2SK241709 2SK2417F |
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications Chopper Regulator, DC?DC Converter and Motor Drive Applications
|
Toshiba Semiconductor
|
2SC5459 |
Transistor Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching, DC-DC Converter, DC-AC Converter Applications
|
TOSHIBA
|
LT1054IN8 LT1054CH |
Switched-Capacitor Voltage Converter with Regulator SWITCHED CAPACITOR REGULATOR, 25 kHz SWITCHING FREQ-MAX, PDIP8 Switched-Capacitor Voltage Converter with Regulator SWITCHED CAPACITOR REGULATOR, 25 kHz SWITCHING FREQ-MAX, MBCY8
|
Linear Technology, Corp.
|
MIC5255 MIC5255-2.5BM5 MIC5255-2.5YM5 MIC5255-2.6B |
150mA Low Noise UCap CMOS LDO 150mA Low Noise UCap CMOS LDO 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 3.3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 IGBT Modules up to 600V PIM 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 600 kHz 14-HTSSOP -40 to 125 T1/E1 Transformer 5.5V to 36V, 5A, 500kHz Step Down SWIFT Converter 8-SO PowerPAD -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] MICREL INC
|