PART |
Description |
Maker |
AH101 AH101-PCB |
JT 41C 41#20 SKT RECP 中功率,高线性放大器 Circular Connector; No. of Contacts:79; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Medium Power/ High Linearity Amplifier Medium Power, High Linearity Amplifier
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] WJ Communications
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
TC1601 |
2W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
SST11LP11 SST11LP11-QVC SST11LP11-QVC-K SST11LP11- |
4.9-5.8 GHz High-Linearity Power Amplifier
|
Silicon Storage Technology, Inc
|
SST11LP11-QVCE |
4.9-5.8 GHz High-Linearity Power Amplifier
|
Microchip Technology Inc. SILICON STORAGE TECHNOLOGY INC
|
LT5526 LT5526EUF |
High Linearity, Low Power Downconverting Mixer
|
LINER[Linear Technology]
|
BMT333 |
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
|
BeRex Corporation
|
2N2222ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|