PART |
Description |
Maker |
AD1583CRT-REEL7 AD1583ART-REEL7 AD1583BRT-REEL7 AD |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 2.5V Micropower, Precisions Series Mode Voltage References 3.0V Micropower, Precisions Series Mode Voltage References Voltage Reference, 2.7V to 12V Operating Supply, -5mA to 5mA Output Current 2.5 V to 5.0 V Micropower Precision Series Mode Voltage References 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 4.096V Micropower, Precisions Series Mode Voltage References
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AD1583 AD1582ART-REEL |
3.0V Micropower, Precisions Series Mode Voltage References 2.5 V Micropower, Precision Mode Voltage Reference 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
|
Analog Devices
|
M24256-B MM24256-BBN5T MM24256-BBN6T MM24256-BDL5T |
32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 256/128 Kbit Serial I C Bus EEPROM With Three Chip Enable Lines 一百二十八分之二百五十六千位串行总线EEPROM,带有集成电路芯片启用三 HDWR ASSY ROD 2-4 MODULES SER 3 HDWR ASSY ROD 1 MODULES SER 3 HDWR NUT FASTENER SER 3 ROD ASSY TOOL HAND NUT DRIVER FOR SER 3 256/128 Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial I?C Bus EEPROM With Three Chip Enable Lines 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines
|
STMicroelectronics N.V. EEPROM 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
M38278E4MXXXFP M38274E5MXXXHP M38278M5MXXXHP M3827 |
SX Series Subminiature Basic Switch, Single Pole Double Throw Circuitry, 1 A at 125 Vac, Pin Plunger Actuator, Solder Termination, Military Part Number MS24547-6 LACING ANCHOR WIT 18,30 .031,1 Single Chip 8 Bits Microcomputer(8位单片机) Frame for modules; Series:Han 16B; Number of Contacts:4; Gender:Male; For Use With:Hinged frame Han Modular; Connector Type:Hinged frame for 4 modules, for housings (base) Enclosed Switches Series LS: Top Roller Plunger; 2NC 2NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-TSSOP 0 to 70 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 8-SOIC -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 16-SOIC Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-HTSSOP -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 5-SOT-23 -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-SOIC -40 to 125 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/8 Ch. 20-SOIC 0 to 70 CA-BAYONET Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC -40 to 85 SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-PDIP 0 to 70 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-TSSOP 0 to 70 DIN Audio Connector; No. of Contacts:6; Mounting Type:Cable; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 6-SOT-23 -40 to 125 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-PDIP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-MSOP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 12-Bit 66 kSPS ADC Ser. Out, Pgrmable Pwrdn, MSB/LSB First, Built-In Self-Test Mode, 11 Ch. 20-PDIP 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 14-SOIC -40 to 125 ADAPTER USB-SERIAL DB9/25 MALE RES-ARRAY 10-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-PDIP 0 to 70 Automotive Catalog Advanced LinCMOS Rail-to-Rail Output Wide-Input-Voltage Operational Amplifiers 14-TSSOP -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 10-MSOP 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 14-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 5-SOT-23 0 to 70 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP 0 to 70 POT 200K OHM 1/2 SQ CERM SL MT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-SOIC -40 to 85 单芯位CMOS微机 EATON 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp 5-SOT-23 -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 8-SOIC -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 6-SOT-23 -40 to 125 单芯位CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 单芯CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifiers 14-TSSOP -40 to 125 单芯CMOS微机 800 uA/ch, 11Mhz, RRO, Low Voltage, Quad Channel Op Amp with Shutdown 16-TSSOP -40 to 125 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier 14-TSSOP 0 to 70 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-PDIP 0 to 70 单芯位CMOS微机 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-TSSOP -40 to 125 单芯位CMOS微机 MICA RoHS Compliant: No 单芯位CMOS微机 Automotive Catalog Low-Power Rail-to-Rail Input/Output Operational Amplifier with Shutdown 8-TSSOP -40 to 125 单芯位CMOS微机 Silver Mica Capacitor; Capacitance:2000pF; Capacitance Tolerance: 2%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 16-TSSOP 0 to 70 单芯位CMOS微机 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 CONN HEADER 6POS SGL PCB 30GOLD 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 6-SOT-23 0 to 70 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-PDIP 0 to 70 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-SOIC -40 to 125 单芯位CMOS微机 Quad Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 16-HTSSOP -40 to 125 单芯位CMOS微机 1-mA/CH, 9-MHz, RRO Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Dual Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, flush mount with flange, 10 Vdc excitation 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier 8-CDIP -55 to 125 Single 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC 0 to 70 Single Low-Power Rail-to-Rail Input/Output Op Amp 5-SOT-23 -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 20-SOIC SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Semiconductor http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Semicon... Mitsubishi Electric Sem...
|
GET-30569 |
Qualification Test Results on NE272 ser es
|
CEL[California Eastern Labs]
|
1-332070-1 |
Discrete Sockets; SOCKET,MIN-SPR AU SER-4 ( AMP )
|
Tyco Electronics
|
74LVT162245MEAX |
256K, 32K X 8, 2.5V SER EEPROM, -40C to 125C, 8-TSSOP, TUBE 位总线收发
|
Fairchild Semiconductor, Corp.
|
SMLA13BC8T SMLA12WBC7W SMLA12WBC7W1 SMLA12BC7T |
Compact size side-view LEDs SML-A1 Series EXCELEDTM
|
Rohm
|
LTC1798CS8 LTC1798CMS8 LTC1798CMS8-5 LTC1798CMS8-4 |
Micropower Low Dropout References(4.1V杈??,寰?????浣??宸?ǔ???) Micropower Low Dropout References(3V输出,微功耗,低压差稳压器) 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 Micropower Low Dropout References(2.5V输出,微功耗,低压差稳压器) Micropower Low Dropout References(4.1V输出,微功耗,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1109A-12 LT1109-12 LT1109 LT1109CS8-12TRPBF |
From old datasheet system Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V Micropower Low Cost DC/DC Converter-Fixed 12V Micropower DC/DC Converter Flash Memory VPP Generator, Fixed 12V
|
LINEAR TECHNOLOGY CORP
|
74LVT244 74LVTH244 74LVT244MSAX 74LVTH244WMX |
16K SPI 2K X 8, 16B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE From old datasheet system Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
|