PART |
Description |
Maker |
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
AT49F001AT-55VI AT49F001A AT49F001A-45JI AT49F001A |
128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash. 1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
|
ATMEL[ATMEL Corporation]
|
TE28F004B3B110 TE28F004B3B90 TE28F004B3T110 TE28F0 |
3 Volt Advanced Boot Block Flash Memory
|
INTEL[Intel Corporation]
|
28F160C3 28F016C3 28F032C3 28F320C3 28F800C3 TE28F |
3 VOLT ADVANCED BOOT BLOCK, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3 VOLT ADVANCED BOOT BLOCK 8-/ 16-/ 32-MBIT FLASH MEMORY FAMILY
|
Intel
|
28F320C3 28F800C3 28F640C3 28F160C3 29064509 |
3 Volt Advanced Boot Block Flash Memory From old datasheet system
|
Intel
|
28F800F3 29068601 |
3 Volt Fast Boot Block Flash Memory From old datasheet system
|
Intel
|
S29CD032G S29CD032G0JFAI000 S29CD032G0JFAI002 S29C |
CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY From old datasheet system 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION[SPANSION]
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
LH28F160BJHE-BTL70 |
16M-BIT(1Mbit x16/2Mbit x8)Boot Block Flash MEMORY(16M1Mx16/2Mx8)Boot Block 闪速存储器)
|
Sharp Corporation
|
AB28F200BR-T80 A28F200BR-TB A28F200BR-B AB28F200BR |
2-MBIT (128K X 16. 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY JT 42C 42#22 PIN RECP 2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K X 16/ 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2-Mbit (128K x 16, 256K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corp.
|
M29DW324DB70ZA6 M29DW324DB70ZA6F M29DW324DB70ZE6F |
CABLE ASSEMBLY; LEAD-FREE SOLDER; N MALE TO N FEMALE; 50 OHM, RG225/U COAX, DOUBLE SHIELDED 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动3V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双1616分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 16:16 / Boot Block 3V Supply Flash Memory
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V. ST Microelectronics
|