PART |
Description |
Maker |
74V1G12604 |
SINGLE BUS BUFFER (3-STATE)
|
STMicroelectronics
|
74V1T126 74V1T126CTR 74V1T126STR 74V1T12604 |
SINGLE BUS BUFFER (3-STATE)
|
STMicroelectronics
|
74V1T126CTR 74V1T126STR |
SINGLE BUS BUFFER (3-STATE)
|
ST Microelectronics
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VHCT541A 6535 74VHCT541AM 74VHCT41AT -74VHCT541A |
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路总线缓冲器与三态输出的非反 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
M54HC126 M54HC125 M74HC126B1R M54HC125K M74HC126M1 |
CAP 100PF 100V 10% CH-TC SMD-0603 TR-7-PA QUAD BUS BUFFERS 3-STATE From old datasheet system RAD-HARD QUAD BUS BUFFER (3-STATE)
|
意法半导 http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74LV2G126AUSE HD74LV2G126A |
Dual Bus Buffer with 3-state Output Dual Bus Buffer with 3?tate Output Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
RENESAS[Renesas Electronics Corporation]
|
AME8812CEEV AME8812LEEV AME8801SEEV AME8840NEEV AM |
Belden RG-59/U Coaxial Cable, Wire Size: 20 AWG, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: 40 % Aluminum Braid, Jacket: PVC Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 300mA的CMOS低压 300mA CMOS LDO 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Analog Microelectronics Central Semiconductor, Corp. AME, Inc.
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74ALVC1G125 HD74ALVC1G125VSE |
Buffer/Driver Bus Buffer Gate with 3-state Output
|
Hitachi,Ltd.
|
HD74ACT125 HD74AC125 74AC125 74AC125B HD74AC125FP |
4-Bit Buffer/Driver Quad Buffer/Line Driver with 3-State Output(四缓冲器/三态输出的线驱动器) QUAD BUS BUFFERS 3-STATE
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd. STMicroelectronics
|