PART |
Description |
Maker |
IDT74FCT162501CT IDT74FCT162501AT IDT74FCT162501CT |
18-Bit Registered Transciever FAST CMOS 18-BIT REGISTERED TRANSCEIVER
|
IDT
|
74ABT16952 74ABT16952DGG 74ABT16952DL BH16B952DGG |
Triple 3-input positive-NOR gates 14-SOIC 0 to 70 ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 RES, 5.1, 1/4W, TKF, 5%, 1210 16-bit registered transceiver 3-State
|
NXP Semiconductors N.V. Philips Semiconductors
|
CY2SSTV16859ZIT CY2SSTV16859 CY2SSTV16859LFC CY2SS |
13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant 13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO64
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74FCT162511CTPA IDT74FCT162511CTPAB IDT74FCT162 |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY FCT SERIES, 16-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 10V 20% TANT SMD-3528-12 TR-7-PL SN/PB5% LOWESR-3500 快速CMOS 16位注锁存奇偶收发 CAP 6.8UF 16V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-800
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
SSTUA32866EC-G |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
SSTUB32866EC/G SSTUB32866EC/S |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
NXP Semiconductors
|
HD74SSTV32852 HD74SSTV32852LBEL |
24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
|
Renesas Electronics Corporation
|
HD74ALVCH162270 |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
ICSSSTVF16859BK ICSSSTVF16859BG ICSSSTVF16859 ICSS |
DDR 13-Bit to 26-Bit Registered Buffer 复员13位至26位注册缓冲区 13:26 Register
|
Diodes, Inc. Integrated Circuit Systems ICS
|