PART |
Description |
Maker |
74ACTQ373SJ 74ACQ373SC 74ACQ373SJ 74ACTQ373SC 74AC |
Quiet Series Octal Transparent Latch with 3-STATE Outputs Quiet Series?/a> Octal Transparent Latch with 3-STATE Outputs Quiet Series⑩ Octal Transparent Latch with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ533 74ACTQ533MTC 74ACTQ533PC 74ACTQ533SC 74A |
Quiet Series Octal Transparent Latch with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ827SCX |
Quiet Series 10-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LCXH162373 74LCXH162373MTX 74LCXH162373GX 74LCXH |
Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistor Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistor Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistor Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resitor Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ821_00 74ACTQ821 74ACTQ821SC 74ACTQ821SPC 74 |
Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
MB89715 MB89713 MB89710 MB89713C MB89713CF MB89713 |
Scan Path Linkers With 4-Bit Identification Buses 28-CDIP -55 to 125 Octal-Transparent D-type Latches With 3-State Outputs 20-CDIP -55 to 125 Octal-Transparent D-type Latches With 3-State Outputs 20-LCCC -55 to 125 (MB89710 Series) CMOS 8-Bit Single-Chip Flexible Microcontroller
|
Fujitsu Component Limit... Fujitsu Limited FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
MB90W214BZF MB90W214A MB90214 MB90W214ZF MB90P214A |
16-Bit Transparent D-type Latches With 3-State Outputs 48-CFP -55 to 125 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP80 16-bit Proprietary Microcontroller
|
Fujitsu, Ltd. http:// Fujitsu Component Limited.
|
CBT16211 CBT16211DGG CBT16211DL CD54HC373 CD54HC37 |
24-bit bus switch with 12-bit output enables OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 有三态输出的8个透明D型锁存器
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
VCH162373ADL 74LVC162373A 74LVC162373ADGG 74LVC162 |
Dual 4-Bit Binary Counters 14-SO -40 to 85 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74LVC162373A 74LVC162373ADGG 74LVC162373ADL 74LVC_ |
16-bit D-type transparent latch with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位D透明锁存器(三态)) 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state From old datasheet system
|
Philips Semiconductors
|