PART |
Description |
Maker |
UCN5821 UCN5821A UCN5821LW UCN5822 UCN5822A UCN582 |
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8位串行输入,锁存驱动 (UCN5822) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS Darlington Bipolar Transistor; Power Dissipation, Pd:150W BiMOS II 8位串行输入,锁存驱动 BiMOS II 8-Bit Serial-Input, Latched Driver(50V输出电压,BiMOS II 8位串行输入锁存驱动器)
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
UCN5833A UCN5833EP 5833 UCN5833 |
BiMOS II 32-Bit Serial-Input, Latched Driver(为热打印机提供高速工作的BiMOS II 32位串行输入锁存驱动器) BiMOS II 32-BIT SERIAL-INPUT LATCHED DRIVER
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
CA5420A CA5420AM FN1925 A5420A |
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers(0.5MHz????垫??靛????杈???垫?杩???惧ぇ?? 0.5MHz/ Low Supply Voltage/ Low Input Current BiMOS Operational Amplifiers From old datasheet system Op Amp, BiMOS, Low Supply Voltage, Low Input Current, 0.5MHz, V to 0V Supply Voltage
|
INTERSIL[Intersil Corporation]
|
5822 |
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
|
Allegro
|
IDT72V15160 IDT72V19160 IDT72V19320 IDT72V16320 ID |
3.3V MULTIMEDIA FIFO 16 BIT V-III 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY 3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
|
IDT[Integrated Device Technology]
|
CA3420 CA3420A CA3420AT CA3420E FN1320 |
From old datasheet system 0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers 0.5MHz/ Low Supply Voltage/ Low Input Current BiMOS Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
CY7C60323-LTXC CY7C60323-PVXC CY7C60323-LTXCT CY7C |
enCoRe III Low Voltage Wireless presenter tools enCoRe?/a> III Low Voltage Wireless presenter tools enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32 enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CD22M3494MQZ CD22M3494EZ CD22M3494MQA CD22M3494MQA |
16 x 8 x 1 BiMOS-E Crosspoint Switch 16x8x1 BiMOS-E Crosspoint Switch; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R 16-CHANNEL, CROSS POINT SWITCH, PQCC44
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ULN2004L ULQ2004L 2003 ULN2023A ULN2023L ULN2024A |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces 高电压,大电流达林顿阵列 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces HIGH-VOLTAGE/HIGH-CURRENTDARLINGTONARRAYS HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS HIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 7-Channel High-Current Darlington Array High-Voltage, High-Current Darlington Arrays(杈???靛?95V锛??浜???靛钩?昏??佃矾??????澶?????璐?浇?寸??ュ???????澶х?娴?揪??】?靛?) HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
|
NetPower Technologies, Inc. Allegro MicroSystems, Inc. AllegroMicroSystems ALLEGRO[Allegro MicroSystems]
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
UCQ5821LW UCQ5821A UCN5821LW 5821 UCN5821A |
BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
|
ALLEGRO[Allegro MicroSystems]
|