PART |
Description |
Maker |
UDN-5703A UDN-5707A UDN-5733A UDN5707A UDN5733A UD |
QUAD 2-INPUT PERIPHERAL/POWER DRIVERS
|
http:// List of Unclassifed Manufacturers ETC[ETC]
|
74ABT02PWDH 74ABT02 74ABT02D 74ABT02DB 74ABT02N 74 |
Quad 2-input NOR gate ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-input NOR gate - Description: Quad 2-Input NOR Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT NOR GATE, PDSO14
|
Atmel, Corp. PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ACTS08MS ACTS08DMSR FN3994 ACTS08D ACTS08HMSR ACTS |
Radiation Hardened Quad 2-Input AND Gate 辐射加固输入与门 Radiation Hardened Quad 2-Input AND Gate ACT SERIES, QUAD 2-INPUT AND GATE, CDIP14 From old datasheet system AND Gate, 2-Input, Quad, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
74LVC00ABQ 74LVC00AD |
Quad 2-input NAND gate 输入与非 Quad 2-input NAND gate LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PQCC14 74LVC00A; Quad 2-input NAND gate
|
NXP Semiconductors N.V. Philips
|
LT1112A LT1112 LT1114 |
Quad Low Power Precision, Picoamp Input Op Amps(四路,低功耗,精密型,微微安培输入运算放大 From old datasheet system Dual/Quad Low Power Precision, Picoamp Input Op Amps Dual Low Power Precision, Picoamp Input op Amp
|
Linear Technology Corporation
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
74HC02 74HC02DR2G 74HC02DTR2G |
74HC02 Data Sheet Quad 2-Input NOR Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2-Input NOR Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT NOR GATE, PDSO14 Quad 2−Input NOR Gate High−Performance Silicon−Gate CMOS
|
ON Semiconductor
|
74F13207 74F132SJ 74F132 74F132SC 74F132SCX |
F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 0.150 INCH, MS-120, SOIC-14 Quad 2-Input NAND Schmitt Trigger
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVC132AD112 |
Quad 2-input NAND Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
NXP Semiconductors N.V.
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|