PART |
Description |
Maker |
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N4236 2N4234 2N4031 2N4032 2N4033 2N4036 2N4037 2 |
SMALL SIGNAL TRANSISTORS Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... Central Semiconductor Corp. Seme LAB CENTRAL[Central Semiconductor Corp]
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
MPQ2222A |
Leaded Small Signal Transistor Quad
|
Central Semiconductor
|
2N6725 |
Leaded Small Signal Transistor Darlington
|
Central Semiconductor
|
2N5830 BCX38C BCX38B 2N5812 2N5831 MPS3707 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N2604 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N5781 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N3799A 2N3672 2N3962 2N3964 2N4034 2N3963 2N3798A |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|