PART |
Description |
Maker |
FJC1963QTF |
NPN Epitaxial Silicon Transistor; Package: SOT-89; No of Pins: 3; Container: Tape & Reel 3000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BC81816MTF BC81840MTF |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
IRG4BC20UDS IRG4BC20UD-S IRG4BC20UD-STRR IRG4BC20U |
320 x 240 pixel format, LED or CFL Backlight 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.85V,@和VGE \u003d 15V的,集成电路\u003d 6.5A TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 6.5A I(C) | TO-263AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
International Rectifier, Corp. IRF[International Rectifier]
|
2SC5476 |
85V/3A Driver Applications NPN SILICON PLANAR SILICON DARINGTON TRANSISTOR
|
Sanyo Semicon Device Sanyo Electric Co.,Ltd.
|
2N2916 2N2914 2N2918 2N2914CECC 2N2918CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
Seme LAB TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
SFD5390 |
5 AMP NPN DRARLINGTON TRANSISTOR 120 VOLTS 2000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-33
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
BC546TFR BC546ABU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SC3733 |
NPN SILICON TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN transistor for power amplifier and high speed switching applications
|
NEC, Corp.
|
BC238ABU BC238ATF BC238TF BC238TAR BC238BU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SB744 2SB744A 2SA1154 NTC2333 2SA1152 NTC2334 NTC |
TRANSISTOR|BJT|PNP|45VV(BR)CEO|3AI(C)|TO-126
TRANSISTOR|BJT|PNP|60VV(BR)CEO|3AI(C)|TO-126
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 300MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 2A I(C) | TO-220 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 300MA I(C) | TO-92 TRANSISTOR | BJT | DARLINGTON | NPN | 400V V(BR)CEO | 10A I(C) | TO-247VAR TRANSISTOR | BJT | NPN | 200MA I(C) | TO-226VAR TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220 晶体管|晶体管|叩| 400V五(巴西)总裁|甲一c)|20 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|叩| 40V的五(巴西)总裁| 500mA的一(c)|2
|
NEC, Corp. Sullins Connector Solutions, Inc. Microchip Technology, Inc.
|
2N2894 2N2818 2N2823 2N2892 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON TRANSISTOR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 30A I(C) | STR-5/16
|
SEME-LAB[Seme LAB]
|