PART |
Description |
Maker |
1N113 1N100 1N68 1N107 1N128 1N270JTXV 1N143 1502B |
100 V, 60 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 10 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES 12 V, 500 mA, gold bonded germanium diode 50 V, 500 mA, gold bonded germanium diode 75 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode 125 V, 500 mA, gold bonded germanium diode 85 V, 500 mA, gold bonded germanium diode 30 V, 500 mA, gold bonded germanium diode 40 V, 500 mA, gold bonded germanium diode 90 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC BKC International Electronics List of Unclassifed Man...
|
1N3469 1N3592 1N3483 1N3470 |
35 V, 500 mA, gold bonded germanium diode 25 V, 500 mA, gold bonded germanium diode GOLD BONDED DIODES 8 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics ETC[ETC] List of Unclassifed Manufacturers
|
AA139 |
GOLD BONDED GERMANIUM DIODE
|
ETC[ETC]
|
1N60 |
GOLD BONDED GERMANIUM DIODE
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC
|
AA119 |
GOLD BONDED GERMANIUM DIODE
|
List of Unclassifed Man...
|
1N911 1N910 1N909 1N773 1N773A 1N805 1N772 1N772A |
30 V, 500 mA, gold bonded germanium diode 40 V, 500 mA, gold bonded germanium diode 60 V, 500 mA, gold bonded germanium diode 65 V, 500 mA, gold bonded germanium diode 80 V, 500 mA, gold bonded germanium diode 70 V, 500 mA, gold bonded germanium diode 20 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics
|
1N55 1N64 1N73 1N107 1N273 1N277 1N279 1N281 1N289 |
1N55 1N64 1N73 1N3082 1N3865 1W569 1W634 AA112 AA113 AA117 AA118 AA119 DR213 HG5007 HG50089 T7G T17G T19G GERMANIUM DOIDES GERMANIUM DOIDES GERMANIUM DIODES
|
American Microsemiconductor Inc. American Microsemicondu... American Accurate Compo...
|
1N965 JANTX1N957B-1 1N960 1N985 1N963 1N967 JANTXV |
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 24 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 56 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 MVSTBW 2,5/21-ST 12 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode RES 348-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
1N128 |
Germanium Diodes / Germanium Rectifiers
|
ETC
|
1N985B 1N985B-1 |
METALLURGICALLY BONDED
|
Compensated Devices Incorporated
|
|