PART |
Description |
Maker |
163.7010.0352 163.7010.0452 163.7010.0152 163.7010 |
Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:3 RoHS Compliant: Yes FKS-Coding plugs Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:2 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:38; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/14; MW 35C (Heavy); Jacket Material:Polythermaleze; Leaded Process Compatible:Yes; Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes
|
Littelfuse, Inc.
|
1-100525-3 6-100525-1 6-100525-3 100526-3 100526-9 |
Z-PACK 2mm HM FEMALE CODING KEYS Z-PACK 2mm HM MALE CODING KEY
|
Tyco Electronics
|
EEEFK1C102SV |
Aluminum Electrolytic Capacitors (Surface Mount Type) FKS-V (High temp. reflow)
|
Panasonic
|
44281-0001 44281-0002 44281-0003 44281-0004 44281- |
Mini-Fit Test Plugs Mini-Fit垄芒 Test Plugs
|
Molex Electronics Ltd.
|
RDMF06200 RDMM30400 RDMM30500 RDMM30530 RDMM308A0 |
M12, coding A, with cable, angled
|
SHIELD s.r.l.
|
RDLF30500 RDLM212C1 RDLF26100 RDLM26200 RDLF212C1 |
M12, coding A, with cable, straight
|
SHIELD s.r.l.
|
C28DRT C49DRT C23DRT C25DRT |
INSULATOR MATERIAL: SEEPART NUMBER CODING
|
Silicon Laboratories
|
T-13224 |
U Interface Transformer (2B1Q Coding Applications)
|
Rhombus Industries Inc.
|
T-13223 |
U Interface Transformer (2B1Q Coding Applications)
|
Rhombus Industries Inc.
|
T-13223G |
U Interface Transformer (2B1Q Coding Applications)
|
Rhombus Industries Inc.
|
RDKM00410070 RDKM00410075 RDKM00410090 RDKM0051007 |
M12, coding A, field attachable, straight
|
SHIELD s.r.l.
|
61A24-060 61A08-060 61A32-060 |
Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
|
Grayhill, Inc
|