PART |
Description |
Maker |
4600T 4611T-106-2222FCD 4611K-101-2222BAA 4611K-10 |
Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Color:White/Yellow; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Light Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Film Capacitor; Voltage Rating:63VDC; Capacitor Dielectric Material:Polyester; Capacitance:1uF; Capacitance Tolerance: 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes THIN FILM CONFORMAL SIP 薄膜共形SIP协议
|
List of Unclassifed Manufacturers BOURNS ETC[ETC] Electronic Theatre Controls, Inc.
|
MHV12-180S15N MHV12-180S15P SHV12-1.0K2000P SHV12- |
HV-Power Supplies 高压,电源供应器 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
ETI Systems TRACO ELECTRONIC AG. TRACO[Traco Electronic AG] TRACOPOWER[TRACO Electronic AG]
|
TLYU124 TLOU124 TLSU124 |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:White/Black/Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes TOSHIBA INGAALP LED
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
BYX133G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. Philips Semiconductors
|
SK10EL11WDT SK10EL11WD SK100EL11W SK100EL11WD SK10 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 1:2 Differential Fanout Buffer
|
Semtech Corporation
|
TEN15WI TEN15-2410WI TEN15-2411WI TEN15-2412WI TEN |
DC/DC Converters - TEN 15WI Series, 15 Watt 2-OUTPUT DC-DC REG PWR SUPPLY MODULE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes
|
电源模块 TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
1340TAPC 1340TMPC 1340CAPC 1340CBPC 1340CCPC 1340C |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Gray; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 1340-Type Lightwave Receiver
|
Agere Systems
|
W24L11S-70L W24L11S-70LL W24L11T-70LL W24L11 W24L1 |
128K X 8 High Speed CMOS Static RAM Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:White/Green; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Color:White/Blue; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes TRANS NPN W/RES 210 HFE NS-B1 128K X 8 STANDARD SRAM, 70 ns, PDIP32 TRANS NPN W/RES 30 HFE NS-B1 128K X 8 STANDARD SRAM, 70 ns, PDSO32
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
1307033 |
Hook-Up Wire; Conductor Size AWG:10; No. Strands x Strand Size:65 x 28; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes OnBoard Micro GPS Patch Antennas
|
Tyco Electronics
|
CS8164YTVA5 CS8164YTHA5 CS8164 CS8164YT5 |
8V/5V Low Dropout Dual Regulator with ENABLE Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
C2016.21.07 C20162107 |
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: 7/30
|
General Cable Technologies Corporation
|