PART |
Description |
Maker |
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
031301.2MXP 0312.150HXP 0312.150MXP 031801.8HXP 03 |
312/318 Series Lead-Free 3AG, Fast-Acting Fuse FAST BLOW ELECTRIC FUSE, 0.031A, 250VAC, 35A (IR), INLINE/HOLDER 312/318 Series Lead-Free 3AG, Fast-Acting Fuse
|
Littelfuse
|
MQ1.5 MQ10 |
Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
26502.5 265 265.062 265.125 265.250 265.375 265.50 |
PICO Fuse Very Fast-Acting Fuse 265/266/267 Series 匹克保险丝非常快保险65/266/267系列
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
216025 216080 216315 216800 216001 216002 216004 2 |
5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
217050P 217160P 217063P 217032P 217800P 217001P 21 |
5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
BSV52R BFE215R BFAP83 BF521 BDP492 BDP495 BCAE07 B |
BSV52R - Tranzystor prze潮czaj便y BFE215R - Tranzystor wielkiej cz牦totliwo躲i BFAP83 - Tranzystor wielkiej cz牦totliwo躲i specjalny BF521 - Tranzystor wielkiej cz牦totliwo躲i TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:36V; Breakdown Voltage, Vbr:40V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Through Hole; Polarization:Unipolar; Power Cyclone FPGA 6K PQFP-240 Cartridge Fuse; Current Rating:12A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No FUSE-250V,1.0A,SLO-BLO 0.25X1.25 FUSE 15A 250V 3AB FAST-BLOW 30SMAX@30A 750A_INTER.RATING UL/CSA 3A 250V SLO-BLO 1/4X1-1/4 CERA FUSE 15A 32V Cartridge Fuse; Current Rating:10A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No Cartridge Fuse; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:326 RoHS Compliant: No Cartridge Fuse; Current Rating:7A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:25A; Voltage Rating:32V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Body Material:Ceramic; Diameter:6.985mm; Fuse Terminals:Axial Lead; Leaded Process Compatible:No; Length:32.258mm; Peak Reflow Compatible (260 C):No DIODE TVS 200V 600W BIDIR 5% SMB BF619 - Tranzystor wielkiej cz牦totliwo躲i DIODE TVS 28V 600W BI-DIR SMB DIODE TVS 30V 600W BI-DIR SMB BCE107R - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107R - Tranzystor马冲南航牦totliwo躲いま冲 mocy BDCP25 - Tranzystor ma冲j cz牦totliwo躲i du垮j mocy specjalny BDCP25 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny DIODE TVS 20V 600W UNI-DIR SMB BDP286 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy BCE107 - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107 - Tranzystor马冲南航牦totliwo躲いま冲 mocy DIODE TVS 130V 400W BIDIR 5% SMA BDAP95 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny VARISTOR MEDIUM VOLTAGE BCE109R - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE109 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE107 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
|
NXP Semiconductors N.V. Cirrus Logic, Inc. Belden, Inc. PHOENIX CONTACT Deutschland GmbH
|
5HFP630-R |
Quick Acting Fuse Series
|
Bel Fuse Inc.
|
5SFP630-R 5SF200-R |
Quick Acting Fuse Series
|
Bel Fuse Inc.
|