PART |
Description |
Maker |
NM25C020 NM25C020LVMT8 NM25C020LVM8 NM25C020VM8X N |
SPI Serial EEPROM 2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT25160AY1-10YU-2.7 AT25640AY1-10YU-2.7 AT25080A-W |
2K X 8 SPI BUS SERIAL EEPROM, DSO8 8K X 8 SPI BUS SERIAL EEPROM, DSO8 10MS, DIE, 2.7V, 11 MILS THICKNESS(SERIAL EE) 4K X 8 SPI BUS SERIAL EEPROM, UUC
|
ATMEL CORP
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
CAT25256XI-T2 |
256 kb SPI Serial CMOS EEPROM 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
M95020 M95040-MB3G/W M95040-MB3T/S M95040-MB3TG/W |
128 X 8 SPI BUS SERIAL EEPROM, PDSO8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
|
http:// 意法半导 STMicroelectronics
|
M35080 6719 M35080MN M35080BN M35080-BN3T M35080-B |
From old datasheet system 8 Kbit Serial SPI Bus EEPROM With Incremental Registers 1K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
CAT25080LE-GT3 CAT25160LE-GT3 CAT25080LE-T3 CAT251 |
8-Kb and 16-Kb SPI Serial CMOS EEPROM 8 kb SPI Serial CMOS EEPROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
CAT25640 CAT25640HU3E-GT3 CAT25640HU3E-T3 CAT25640 |
8K X 8 SPI BUS SERIAL EEPROM, PDSO8 64-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
AT25010A AT25020A-10PU-1.8 |
SPI Serial EEPROM 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Atmel, Corp. http://
|
25C320 24C320-EP 24C320-ESN 24C320-EST 24C320-IP 2 |
32K 5.0V SPI bus EEPROM 32K 5.0V SPI Bus Serial EEPROM 32K.0V SPI总线串行EEPROM 32K5.0VSPIBusSerialEEPROM 32K 5.0V SPI Bus Serial EEPROM Memory
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|