PART |
Description |
Maker |
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
783R3Q10-50A 727P1Q10-20K 719R1Q2-1A 720R1Q2-20K 7 |
High-Efficiency LCD Boost with True Shutdown Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators High-Speed, Low-Power Voltage Comparators 模拟IC Analog IC 模拟IC Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs 模拟IC Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout 模拟IC
|
3M Company TE Connectivity, Ltd. Pletronics HIROSE ELECTRIC Co., Ltd.
|
FS30KMH-2 |
Power MOSFETs: FS Series, Low Voltage, 100V for High-Speed Switching Use Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Powerex Power Semiconductors
|
TMM2063AP-10 TMM2063AP-12 TMM2063AP-70 |
70ns ; 80mA; V(cc): -0.5 to 7.0V; 0.8W; 65,536 bits high speed and low power static access memory 120ns ; 80mA; V(cc): -0.5 to 7.0V; 0.8W; 65,536 bits high speed and low power static access memory 100ns ; 80mA; V(cc): -0.5 to 7.0V; 0.8W; 65,536 bits high speed and low power static access memory 65536 BITS HIGH SPEED AND LOW POWER STATIC RAMDOM ACCESS MEMORY
|
Toshiba Semiconductor
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AMIS42675ICAH2G AMIS42675ICAH2RG AMIS-42675 AMIS42 |
High Speed Low Power CANTransceiver for Long Wire High Speed Low Power CAN Transceiver for Long Wire Networks
|
ON Semiconductor
|
TSH95ID TSH95I TSH95 5243 |
HIGH SPEED LOW POWER QUAD OP-AMP WITH DUAL STANDBY POSITION From old datasheet system HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX13041ASD_V MAX13041ASD MAX1304108 MAX13041ASD/V |
±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN 卤80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN 隆戮80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
|
Maxim Integrated Products
|
IRS26072DSPBF |
The IRS26072D is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels.
|
International Rectifier
|