PART |
Description |
Maker |
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
FM303L FM306L FM305L FM304L FM301L FM302L |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
RD6.8UM RD2.4UM RD4.7UM RD24UM RD4.3UM RD5.1UM RD1 |
9.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 CA01COME24-10SBF80 稳压二极PIN超超级迷你模 CAT6 SOL PC BLU PLE 50FT PLENUM SOLID PATCH CORD RECTIFIER SCHOTTKY SINGLE 1A 60V 30A-Ifsm 0.7Vf 0.5A-IR SMB 3K/REEL ZENER DIODES 2PIN ULTRA SUPER MINI MOLD 2.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NEC, Corp. NEC Corp. NEC[NEC]
|
HVR-1X-40B SHV-20 SHV-16 UX-F0B SHV-02 SHV-03 SHV- |
9kV,High-Voltage Rectifier Diodes(9kV,高压整流二极 0.35 A, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 4.5 V, SILICON, SIGNAL DIODE Ultra low profile, Two-piece, Discrete wire, FPC, and fine coaxial cable connectors; HRS No: 685-0018-5 05; No. of Positions: 14; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Ground plate for FPC type High-Voltage Rectifier Diodes
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric] http://
|
RS2506M RS2507M RS2501M RS2502M RS2503M RS2504M RS |
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes) 4.3 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
UF1001 UF1002 UF1003 UF1004 UF1005 UF1006 UF1007 |
Ultra Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 1000V CURRENT?1.0A
|
Gulf Semiconductor
|
FM806C |
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 800 Volts CURRENT 8.0 Amperes 8 A, 800 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Rectron Semiconductor
|
BYV29300M BYV29-300M BYV29-400M BYV29-500M BYV29-3 |
300V, 9A Fast Recovery Rectifier diode 3 A low drop positive voltage regulator adjustable and fixed 1.5 A low drop positive voltage regulator adjustable and fixed 快恢复整 Hermetically Sealed Fast Recovery Silicon Rectifier For HI-REL Application(气密封装的快速恢复硅整流HI-REL应用)) 密封快恢复硅整流对于高可靠性的应用(气密封装的快速恢复硅整流器(高可靠性应用) HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 8 A, 500 V, SILICON, RECTIFIER DIODE, TO-257AB
|
SEME-LAB[Seme LAB] Infineon Technologies AG NXP Semiconductors N.V. TT electronics Semelab, Ltd.
|
BYV118F BYV118F-35 BYV118F-40 BYV118F-45 BYV118X B |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 10 A, 40 V, SILICON, RECTIFIER DIODE DB-25 MALE CONN KIT CRIMP 10 A, 40 V, SILICON, RECTIFIER DIODE CRIMP SHELLS DB25 MALE 10 A, 35 V, SILICON, RECTIFIER DIODE Rectifier diodes Schottky barrier 10 A, 35 V, SILICON, RECTIFIER DIODE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
|