PART |
Description |
Maker |
RF1S23N06LESM |
23A, 60V, 0.065 Ohm, Logic Level,N-Channel Power MOSFETs(23A, 60V, 0.065 Ω,逻辑电平,N沟道功率MOS场效应管) 23 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Intersil, Corp.
|
RFD15N06LE RFD15N06LESM FN4079 |
From old datasheet system 15A 60V 0.065 Ohm ESD Rated Logic Level N-Channel Power MOSFETs 15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs 15A/ 60V/ 0.065 Ohm/ ESD Rated/ Logic Level/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
VMO40-05P1 VMO60-05F VMO650-01F |
41 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET ECOPAC-4 High dv/dt, Low-trr, HDMOS-TM Family 60 A, 500 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-240AA 690 A, 100 V, 0.0018 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
APM6001NFC-TUL |
6 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ANPEC ELECTRONICS CORP
|
HUFA76429D3ST HUFA76429D3 HUFA76429D3S |
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 20A I(D) | TO-252AA 20 A, 60 V, 0.029 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Fairchild Semiconductor, Corp.
|
FDP20AN06A0 FDB20AN06A0 FDB20AN06A0NL FDP20AN06A0N |
60V N-Channel PowerTrench MOSFET 60V, 45A 20mohm 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET 60V, 45A, 20m N-Channel PowerTrench MOSFET 60V, 45A, 20 milliohm N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? From old datasheet system N-Channel PowerTrench㈢ MOSFET 60V, 45A, 20mз N-Channel PowerTrench? MOSFET 60V, 45A, 20m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
HUF76437P3 HUF76437S3S HUF76437S3ST |
64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
UTT30P06L-TA3-T UTT30P06G-TA3-T |
60V, 30A P-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
30N06G-TA3-T 30N06L-TA3-T 30N06L-TF2-T 30N06L-TF3- |
60V, 30A N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
WNMD6003 WNMD6003-6TR |
Dual N-Channel, 60V, 0.30A, Power MOSFET
|
TY Semiconductor Co., Ltd
|
STP55NF06 STP55NF06FP STB55NF06 STB55NF06-1 -STP55 |
N-CHANNEL 60V - 0.015 OHM - 50A TO-220/TO-220FP/I2PAK/D2PAK STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D2PAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/DPAK STripFET II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFETII POWER MOSFET N沟道60V 0.015欧姆- 50ATO-220/TO-220FP/I巴基斯坦/数?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D?PAK STripFETII POWER MOSFET N沟道60V 0.015欧姆- 50A条TO-220/TO-220FP/I巴基斯坦/数?巴基斯坦STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D??AK STripFET??II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
|