PART |
Description |
Maker |
ISL6605 ISL6605EVAL1 |
MOSFET Driver, Dual, Synchronous Half-Bridge Switch, use with Multiphase Controller, 4 Amp Sink, VBOOT 0.3-7V; synchronous rectified MOSFET driver. For core voltage supplies for Intel and AMD microprocessors
|
Intersil
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
APTGT400U120D4 |
Single Switch - IGBT Single switch Trench IGBT Power Module
|
Advanced Power Technology
|
APTGT600U120D4 |
Single Switch - IGBT Single switch Trench IGBT Power Module
|
Advanced Power Technology
|
APTGF660U60D4 |
Single Switch - IGBT Single switch NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
LT3743 LTC3789 LT3755 LT3756-1 LT3756-2 LTC3780 |
60V 4-Switch Synchronous
|
Linear Technology
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
DG3000DB-T1 DG3000DB-T1-E1 DG300008 |
Low-Voltage Single SPDT MICRO FOOT?Analog Switch Low-Voltage Single SPDT MICRO FOOT庐Analog Switch Low-Voltage Single SPDT MICRO FOOT㈢Analog Switch
|
Vishay Siliconix
|
NX3V1T384GM |
Low-ohmic single-pole single-throw analog switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6
|
NXP Semiconductors N.V.
|