PART |
Description |
Maker |
MT58L256L36P MT58L256L32P MT58L256V32P MT58L256V36 |
8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
|
Micron Technology
|
MT58L32L32P MT58L32L36P MT58L64L18P |
32K x 32, 3.3V I/O, Pipelined, SCD SyncBurst SRAM(1Mb,3.3V输入/输出,流水线式,单循环取消选择,同步脉冲静态存储器) 32K x 36, 3.3V I/O, Pipelined, SCD SyncBurst SRAM(1Mb,3.3V输入/输出,流水线式,单循环取消选择,同步脉冲静态存储器) 64K x 18, 3.3V I/O, Pipelined, SCD SyncBurst SRAM(1Mb,3.3V输入/输出,流水线式,单循环取消选择,同步脉冲静态存储器) 64K的18.3V的I / O的流水线,SCD的SyncBurst的SRAM兆,3.3V的输输出,流水线式,单循环取消选择,同步脉冲静态存储器
|
Micron Technology, Inc.
|
MT58L512L18D |
(MT58Lxxxx) 8Mb SYNCBURST SRAM
|
Micron Semiconductor
|
GS881Z18T-11I GS881Z18T-66I GS881Z36T-80 |
8Mb Pipelined and Flow Through Synchronous NBT SRAMs 512K X 18 ZBT SRAM, 11 ns, PQFP100 8Mb Pipelined and Flow Through Synchronous NBT SRAMs 512K X 18 ZBT SRAM, 18 ns, PQFP100 8Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 36 ZBT SRAM, 14 ns, PQFP100
|
GSI Technology, Inc.
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1474V33-167BGC CY7C1470V33-250AXC CY7C1470V33- |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 1M X 72 ZBT SRAM, 3.4 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
CY7C1350 7C1350 |
128Kx36 Pipelined SRAM with NoBL Architecture(带NoBL结构28Kx36流水线式 SRAM) 128K × 36至流水线与总线延迟静态存储器体系结构(带总线延迟结构28K × 36至流水线式的SRAM 128Kx36 Pipelined SRAM with NoBL Architecture(B>NoBL结构28Kx36流水线式 SRAM) From old datasheet system
|
Cypress Semiconductor Corp.
|
CY7C1387F-167BGC CY7C1387F-167BGI CY7C1387F-167BGX |
Replacement for Intersil part number 8100604EA. Buy from authorized manufacturer Rochester Electronics. 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA165 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM 18兆位(为512k × 36 / 1兆位× 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor Corp.
|
MT58L64L32FT-6.8 MT58L64L36FT-6.8 MT58L64V32FT-6.8 |
2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM 2MB的:128K的1864K的x 32/36流通过SYNCBURST的SRAM 2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM 2MB的:128K的184K的x 32/36流通过SYNCBURST的SRAM
|
Micron Technology, Inc.
|
CY7C1472BV25-167BZXC CY7C1472BV25-167BZXI CY7C1472 |
2M X 36 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL垄芒 Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture
|
CYPRESS SEMICONDUCTOR CORP
|
AS7C252MPFD18A AS7C252MPFD18A_V1.1 AS7C252MPFD18A- |
2.5V 2M x 18 pipelined burst synchronous SRAM 2M X 18 STANDARD SRAM, 3.1 ns, PQFP100 2.5V 2M x 18 pipelined burst synchronous SRAM 2M X 18 STANDARD SRAM, 3.8 ns, PQFP100 2.5V 2M x 18 pipelined burst synchronous SRAM 2M X 18 STANDARD SRAM, 3.5 ns, PQFP100 From old datasheet system Sync SRAM - 2.5V
|
INTEGRATED SILICON SOLUTION INC Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|