PART |
Description |
Maker |
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
FDS6690AS08 FDS6690AS |
30V N-Channel PowerTrench㈢ SyncFET⑩ 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench? SyncFET?/a>
|
Fairchild Semiconductor
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
S8C5H30L STS8C5H30L STS8C5H30L_07 STS8C5H30L07 |
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FDMS9620S |
Dual N-Channel PowerTrenchMOSFET Q1: 30V, 16A, 21.5mQ2: 30V, 18A, 13m
|
Fairchild Semiconductor Corporation
|
FQI45N03L FQB45N03L |
30V LOGIC N-Channel MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 45A I(D) | TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
NTMFS4120N |
Power MOSFET 30V, 31A, Single N Channel, SO8 Flat Lead(30V, 31A锛????OSFET)
|
ON Semiconductor
|
FDD6030L_03 FDD6030L FDD6030L03 FDD6030LNL |
30V N-Channel Logic PowerTrench MOSFET 50 A, 30 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|