PART |
Description |
Maker |
CCLHM080 CCLHM100 CCLHM150 CCLHM120 |
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
CCLM0500 CCLM1500 CCLM2000 CCLM2000-TR CCLM3500-TR |
SURFACE MOUNT SILICON CURRENT LIMITING DIODE
|
Central Semiconductor Corp. Central Semiconductor C...
|
CCL1500 CCL5750LEADFREE |
CURRENT LIMITING DIODE 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35 5.75 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
Z85230-20VSC Z85230-16VSC Z80230-10PSC Z85230-16PS |
FUSE - PTC 0.5/1A SMT 1812 DIODE TVS 7.5V 1.5KW BI-DIR Communications Controller 通信控制 TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:342V; Breakdown Voltage, Vbr:380V; Package/Case:DO-201; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Current IPP @ 10x1000uS:2.8A RoHS Compliant: Yes 通信控制 DIODE TVS 100V 1500W 5% BI AXL 通信控制 TVS Diode; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Microsemi, Corp.
|
CD1005-B0230 CD0603-B0240 |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:35V; Forward Current Avg Rectified, IF(AV):200mA; Forward Voltage Max, VF:0.5V; Package/Case:Case 1005; Vf Test Current:0.2A; Leaded Process Compatible:Yes RoHS Compliant: Yes CD0603/1005 Schottky Barrier Chip Diode Series
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
X76F640 X76F640A X76F640A-2.7 X76F640AE X76F640AE- |
Secure SerialFlash :SEMIPACK-1; Thread size:M5; Centres, fixing:80mm; Current, Itsm:700A; Depth, DIODE, STANDARD, 80A, 1200V; Voltage, Vrrm:1200V; Current, If av:80A; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, Ifs max:2000A; Current ; Repetitive Reverse Voltage Max, Vrrm:800V; Forward Current Avg Rectified, IF(AV):82A; Forward Voltage Max, VF:1.55V; Package/Case:SEMIPACK 1 Thyristor Diode Module; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Xfmr Module
|
http:// XICOR[Xicor Inc.]
|
MAX1644 MAX1645EEI |
Advanced Chemistry-Independent / Level 2 Battery Chargers with Input Current Limiting Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT1769 1769I |
Constant-Current/Constant-Voltage 2ABattery Charger with Input Current Limiting From old datasheet system
|
Linear
|
CL20M35 CL20M35-13 |
Current Limiting Diodes
|
Diotec Semiconductor
|
V23076A1022C133 |
Limiting continuous current 45A
|
List of Unclassifed Man...
|
SCK10252M SCK10252L SCK05121L SCK0520X3M SCK05101L |
Power Thermistor for Limiting Inrush Current
|
Thinking Electronic Industrial Co.,Ltd http://
|