PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
MBRS1100T3 SK18 10BQ100 10MQ100N HSM1100J HSM190J |
Brilliance Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material 1 Amp Schottky Rectifier
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
KFW2G16D2M-DED5 KFW4G16Q2M-DEB5 KFW4G16Q2M-DED5 KF |
RES, 15 OHM, 1%, 1/16W, 0402 PKG CONN RCPT .100 100POS DL R/A AU Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:223; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:223; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:UL AWM Style 1354; Cable/Wire MIL SPEC:MIL-C-17G RoHS Compliant: Yes FLASH MEMORY(54MHz) 闪存4MHz之间 FLASH MEMORY(54MHz)
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
PE-B159-RD PE-B159-BK PE-B159-BL |
MIN-RG59 PRECISION VIDEO COAXIAL CABLE MINI-RG59 PRECISION VIDEO COAXIAL CABLE
|
Pasternack Enterprises, Inc.
|
MC10SX1190 MC10SX1190-D MC10SX1190DT MC10SX1190DTR |
Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit From old datasheet system
|
ON Semiconductor
|
A29512L-90 A29512L-70 A29512L-55 A29512V-55 A29512 |
Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K的8位CMOS 5.0伏只,统一部门快闪记忆 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
GT11-1822PCF GT11-1822SCF GT11-2428PCF GT11-2428SC |
RECTANGULAR CONNECTOR RESISTOR, MF, 10.0M, 1%, 1/4W Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines 在天线,传感器和通信中继同轴电缆连接 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Blue; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Coaxial cable connection of Antennas/ Sensors/ and Communication Trunk Lines
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
WGA-3686-3M-W75-79 WGA-3645-NF-W90-79 WGA-3625-SM- |
CABLE AND WAVEGUIDE TERMINATED, FEMALE, WAVEGUIDE TO COAXIAL ADAPTER CABLE AND WAVEGUIDE TERMINATED, MALE, WAVEGUIDE TO COAXIAL ADAPTER
|
|
141-11SM |
Coaxial Cable
|
Mini-Circuits
|
141-6SMNM |
Coaxial Cable
|
Mini-Circuits
|
141-10SMNB |
Coaxial Cable
|
Mini-Circuits
|
141-10SMRNM |
Coaxial Cable
|
Mini-Circuits
|