PART |
Description |
Maker |
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
HDSP-G03Y HDSP-G01A HDSP-G01E HDSP-G01G HDSP-G01X |
Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display HDSP-G01A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G01Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03A · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03E · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03G · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display HDSP-G03Y · 10.16 mm (0.4 inch) Dual Digit General Purpose Seven Segment Display
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
ELEMD6R8JA ELEMD6R8KA ELEXH220KA ELEKN390JA ELEXHR |
1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR AXIAL LEADED 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1800 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5600 uH, GENERAL PURPOSE INDUCTOR
|
Panasonic, Corp. PANASONIC CORP
|
TC1043CEQR TC1043 TC1043CEQRTR |
The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference ... The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference in a single 16-Pin package. This increased integration allows the user to replace two or three packages, Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
|
MICROCHIP[Microchip Technology]
|
NST3904DXV6T5 NST3904DXV6T1 |
General Purpose NPN Dual Transistor Dual General Purpose Transistor
|
ONSEMI[ON Semiconductor]
|
U07-17 U07-24 U07-38 U07-19 PSC10-19 PSC10-D-11 PS |
1 ELEMENT, 175000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7200000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 240000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 430000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 72000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 36000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 17500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 360000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 86000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
|
HD74LV2G02A HD74LV2G00AUSE |
Dual 2input NOR Gates ?输入或非门 Dual 2-input NOR Gates From old datasheet system Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
STMicroelectronics N.V. Renesas Electronics Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT7016S20JB IDT7016S20PFB IDT7016S15G IDT7016S15P |
Quad Low-Power JFET-Input Operational Amplifier 14-PDIP 0 to 70 16K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 35 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 Low-Noise JFET-Input Decompensated Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 Low-Power JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 16K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQFP80 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQCC68
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
NST3906DP6T5G |
Dual General Purpose Dual General Purpose
|
ON Semiconductor
|
|