PART |
Description |
Maker |
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
DT5A114E DT5A143X DT5A144E DT5C114E DT5C124E DT5A1 |
TRANSISTOR | ZIP 晶体管|邮编 TRANSISTOR SWITCH DIGITAL TRANSISTOR ARRAYS (INCLUSDES RESISTORS)
|
Diodes, Inc. ROHM[Rohm]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2N3723 2N2787 2N706B/46 2N3409 2N5188 2N3728 |
30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 1A I(C) | TO-39 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 50MA I(C) | TO-46 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5
|
SEMICOA CORP
|
BCV62B BCV62C BCV62 BCV62A BCV62B/T1 |
TRANSISTOR SOT-23 晶体管的SOT - 23 PNP general purpose double transistor TRANSISTOR|BJT|ARRAY|BLDGBLOCK|30VV(BR)CEO|100MAI(C)|SOT-143
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
FN1A4Z FN1A4Z-L FN1A4Z-T2B FN1A4ZM69 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD, SC-59, 3 PIN MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR MINI MOLD Compound transistor
|
Honeywell International, Inc. NEC
|
SPA11N60C2 SPB11N60C2 SPP11N60C2 |
Cool MOS?/a> Power Transistor for lowest Conduction Losses & fastest Switching Cool MOS Power Transistor Cool MOS??Power Transistor Cool MOS⑩ Power Transistor Cool MOSPower Transistor 酷马鞍山⑩功率晶体管
|
INFINEON[Infineon Technologies AG]
|
IPB80N04S2-04 IPI80N04S2-04 SP0002-18154 SP0002-19 |
80 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPP100N04S2-04 IPB100N04S2-04 SP0002-19061 SP0002- |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor 100 A, 40 V, 0.0036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN
|
Infineon Technologies AG
|
CP617 |
Small Signal Transistor PNP - Silicon RF Transistor Chip Chip Form: RF TRANSISTOR
|
Central Semiconductor Corp
|