PART |
Description |
Maker |
TIP41C TIP42B TIP41A TIP42C TIP42A TIP41B ON2987 |
POWER TRANSISTORS COMPLEMENTARY SILICON 6 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB 6 AMPERE POWER TRANSISTORS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
UMZ8N EMZ8 UMZ8NTR |
Transistors > Complex Bipolar Transistors 256Kbit (32Kbit X 8) ZEROPOWER® SRAM Power management (dual transistors)
|
ROHM[Rohm] Rohm CO.,LTD.
|
2N4922 2N4921 2N4923 2N4921-D |
Medium-Power Plastic NPN Silicon Transistors 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS
|
ONSEMI[ON Semiconductor]
|
BDX53 BDX54C BDX54 BDX53C BDX53A BDX53B BDX54A BDX |
POWER TRANSISTORS(8A.,45-100V,60W) 功率晶体管(8A. ,45 - 100V的,60瓦) POWER TRANSISTORS(8A./45-100V/60W) POWER TRANSISTORS(8A.45-100V60W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
BD442 BD439 BD441 4130 BD440 -BD441 -BD442 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
2SD1664 2SD1858 A5800362 2SD1664P 2SD1664T100Q 2SD |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis Medium Power Transistor (32V/ 1A) Medium Power Transistor (32V, 1A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Littelfuse Rohm CO.,LTD. ROHM[Rohm]
|
2N5038 2N5039 |
POWER TRANSISTORS(20A,140W) POWER TRANSISTORS(20A140W)
|
MOSPEC[Mospec Semiconductor]
|
SD57030 TSD57030 |
RF POWER TRANSISTORS The LdmoSTFAMILY RF POWER TRANSISTORS THE LDMOST FAMILY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N5876 2N5878 2N5875 2N5877 |
POWER TRANSISTORS(10A,150W) POWER TRANSISTORS(10A150W)
|
MOSPEC[Mospec Semiconductor]
|