PART |
Description |
Maker |
BZX85C75RL BZX85C75RL2 BZX85C30RL BZX85C30RL2 BZX8 |
1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 8BIT,8K FLASH.1024 RAM 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 22.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 33 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 13.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 3.9 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 8.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 17.95 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL
|
ONSEMI[ON Semiconductor]
|
1N4728 |
One Watt Hermetically Sealed Glass Silicon Zener Diodes
|
Motorola, Inc
|
BZX85C18 BZX85C43 |
1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
|
Tak Cheong Electronics ...
|
1N4728A-D |
1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulator Diodes
|
ON Semiconductor
|
BUX48SMD BUX48SMD-JQRR4 |
15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-276AB HERMETICALLY SEALED, CERAMIC, SMD1, 3 PIN Bipolar NPN Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. http://
|
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
JANTX1N6461US JAN1N6461USE3 JANTX1N6467US |
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
|
Microsemi Corporation
|
5962-8957103KPA 5962-8957103KYC 5962-8957103KYA 59 |
5962-8957103KPA · Hermetically Sealed Very High Speed Logic Gate Optocouplers 5962-8957103KYC · Hermetically Sealed Very High Speed Logic Gate Optocouplers 5962-8957103KYA · Hermetically Sealed Very High Speed Logic Gate Optocouplers 5962-8957103KXA · Hermetically Sealed Very High Speed Logic Gate Optocouplers 5962-8957103KPC · Hermetically Sealed Very High Speed Logic Gate Optocouplers 5962-8957001PC · Hermetically Sealed Very High Speed Logic Gate Optocouplers
|
Agilent (Hewlett-Packard)
|
5962-9755701HYC HCPL-7851 HCPL-7851-100 HCPL-7850 |
5962-9755701HPA · Hermetically Sealed Analog Isolation Amplifier HCPL-7851 · Hermetically Sealed Analog Isolation Amplifier HCPL-7850 · Hermetically Sealed Analog Isolation Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HSSR-7110 HSSR-7111 HSSR-7112 HSSR-711E |
90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534 90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
|
AVAGO TECHNOLOGIES LIMITED
|
SBR1645-T254 |
DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In TO254 Hermetically Sealed Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,TO254气密封装,共阴极连)
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited
|
BDY23.MOD BDY23.MODR1 BDY23 |
Bipolar NPN Device in a Hermetically sealed TO3 6 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-204AA HERMETIC SEALED, METAL, TO-3, 2 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|