PART |
Description |
Maker |
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
ST7FDALI ST7FDALIF2B6 ST7FDALIF2M6 ST7FLITE2 ST7FL |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI (DATA BRIEFING)
|
ST Microelectronics
|
ST72260G1 ST72262G1 ST72262G2 ST72264G1 ST72264G2 |
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES (DATA BRIEFING)
|
SGS Thomson Microelectronics
|
7982/10X19 7982/6X9.5 7982/8X9.5 7982/8X32 7982/8X |
HOLZSCHRAUBE SENK POZIDRIV 4.8X19.1 Inhalt pro Packung: 100 Stk. MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-SOIC 208mil, T/R MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-SOIC 208mil, TUBE MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-DFN, TUBE MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-SOIC 208mil, TUBE MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-SOIC 208mil, T/R MCU CMOS 8LD 1K EPRM, -40C to 85C, 8-SOIC 150mil, T/R MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-CERDIP, TUBE MCU CMOS 8LD 1K EPRM, -40C to 125C, 8-SOIC 150mil, TUBE MCU CMOS 8LD 1K EPRM, 0C to 70C, 8-SOIC 150mil, TUBE HOLZSCHRAUBE SENK POZIDRIV 4.8X32 Inhalt亲Packung00沙头角
|
Rubycon, Corp.
|
7D5U5 7D12U5 7A12U5 7A12U15-15 7D5U15-15 7A5U15-15 |
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology, -40C to 125C, 8-DFN, TUBE MCU CMOS 8 LD 1K FLASH, -40C to 85C, 8-SOIC 150mil, T/R MCU CMOS 8 LD 1K FLASH, -40C to 85C, 8-PDIP, TUBE 8-Pin Flash-Based 8-Bit CMOS Microcontrollers, -40C to 85C, 8-SOIC 150mil, T/R Analog IC 模拟IC
|
Glenair, Inc.
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
HT23B60 HT23B60-100QFP-A |
From old datasheet system 60x11 Pixel Data Bank 8-Bit Mask MCU
|
HOLTEK[Holtek Semiconductor Inc]
|
ST92E196 ST92196A ST92T196 |
8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
|
STMICROELECTRONICS[STMicroelectronics]
|
XE88LC02MI035 XE88LC02MI000 XE88LC02 |
SENSING MACHINE DATA ACQUISITION MCU WITH 16 10 BIT ZOOMINGADC AND LCD DRIVER
|
ETC[ETC]
|
OV7411N OV7635 OV9630 OV7648 OV7431 |
MCU CMOS 18LD 4MHZ 1K EPRM, 0C to 70C, 18-PDIP, TUBE MCU CMOS 18LD 20MHZ 1K EPRM, 0C to 70C, 18-SOIC 300mil, TUBE MCU CMOS 18LD 20MHZ 1K EPRM, -40C to 85C, 18-PDIP, TUBE MCU CMOS 20LD 20MHZ 1K EPRM, -40C to 85C, 20-SSOP 208mil, TUBE packaging specifications MCU CMOS 18LD 4MHZ 1K EPRM, -40C to 85C, 18-PDIP, TUBE /黑白| NTSC制式| 508 × 492 |模拟|的CameraChip |技术报
|
Omnivision Technologies Inc.
|
P87C51FA1 AP87C51FC12 |
IC-8 BIT CMOS MCU 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDIP40
|
INTEL CORP
|
|