PART |
Description |
Maker |
TA8020S EE08206 |
DUAL VOLTAGE SENSOR From old datasheet system
|
Toshiba
|
LTC2914 LTC2991 LTC2997 LTC2995 LTC2912 LTC2995-15 |
Temperature Sensor and Dual Voltage Monitor with Alert Outputs
|
Linear Technology
|
TK11034 TK11034M TK11034MTL TK11034MTL_34C TK11034 |
TEMPERATURE SENSOR IC ANALOG TEMP SENSOR-VOLTAGE, 1.57-1.65V, RECTANGULAR, SURFACE MOUNT TEMPERATURE SENSOR IC 温度传感器IC
|
TOKO, Inc. TOKO Inc. TOKO[TOKO, Inc]
|
FM75 FM75MM8X FM75M8 FM75M8X FM75MM8 |
Low-Voltage Digital I2C compatible Temp Sensor fro LM75 applications Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
|
Fairchild Semiconductor Corporation
|
TMP36GT9Z TMP37FS-REEL TMP35FS-REEL TMP37GRTZ-REEL |
Voltage Output Temperature Sensors; Package: TO-92; No of Pins: 3; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, THROUGH HOLE MOUNT Low Voltage Temperature Sensor Vo=500; Package: SOIC; No of Pins: 8; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MC623 ON1154 MC623DR2 |
3V, Dual Trip Point Temperature Sensor From old datasheet system 3V,DUAL TRIP POINT TENPERATURE SENSOR
|
ONSEMI[ON Semiconductor]
|
FM20 FM20S3X FM20P5X |
Low-Voltage Negative Slope Analog Temp Sensor for LM20 applications Ultra-Low-Power Analog Temperature Sensor
|
FAIRCHILD[Fairchild Semiconductor]
|
ASC7531A ASC7531B |
(ASC7531A/B) LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
|
Andigilog
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
TSM103 TSM103I TSM10303 TSM103AIDT TSM103IDT TSM10 |
DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, PDSO8 DUAL OP-AMP AND VOLTAGE REFERENCE DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
|
ST Microelectronics STMicroelectronics
|