PART |
Description |
Maker |
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
MC68HC11A8BMP2 MC68HCP11A1MFN2 MC68HC11A1CFN3 MC68 |
HCMOS Single-Chip Microcontroller 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQCC52 HCMOS Single-Chip Microcontroller 8-BIT, 2 MHz, MICROCONTROLLER, PQCC52 HCMOS Single-Chip Microcontroller 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PDIP48
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
P89C557E4 P89C557E4EBB P80C557E4 P80C557E4EBB P83C |
Single-chip 8-bit microcontroller 单芯位微控制 Single-chip 8-bit microcontroller 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP80
|
NXP Semiconductors N.V.
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
KS57C21408 KS57C21418 |
4-Bit CMOS Single-chip Microcontroller (KS57C21408 - KS57P21408) single-chip CMOS microcontroller
|
Samsung Electronic Samsung semiconductor
|
LC587202A LC587204A LC587206A LC587208A |
4-bit Single-chip Microcontrollers LCD driver ROM: 2, 4, 6, or 8 K x 16 bits, RAM: 512 x 4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:2 /4 /6 /or8 K x 16 bits / RAM:512 x4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:246or8 K x 16 bits RAM:512 x4 bits CMOS IC 4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits Single-Chip 4-Bit Microcontroller with LCD Driver,512 ×4bit RAM,4K× 16 Bit ROM on chip(单片4位微控制器(带LCD驱动器,512 ×4位RAMK× 16位ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
LC662304A LC66E5316 LC66P5316 LC662104A LC662106A |
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
IC89LV51A IC89LV52A IC89LV52 IC89LV51A-12PL IC89LV |
MICROCONTROLLER, MicroProcessor CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
|
ICSI[Integrated Circuit Solution Inc]
|
T83C51SND1-ROTIL |
Single Chip Microcontroller with MP3 Decoder and Man Machine Interface 8-BIT, MROM, 40 MHz, MICROCONTROLLER, PQFP80
|
Atmel, Corp.
|
IS-80C32 IS80C32 |
(IS-80C32 / IS-80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER (IS80C32 / IS80C52) CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
|
Integrated Silicon Solution
|
LC87F66C8A |
8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip
|
SANYO[Sanyo Semicon Device]
|