PART |
Description |
Maker |
SPX2920U-3.3 SPX2920U3-3.3 SPX2920U3-5.0 SPX2920U5 |
320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available 400mA Low Drop Out Voltage Regulator with Shutdown, 1%
|
SIPEX[Sipex Corporation]
|
SPX2700 SPX2700AM3-3.3 SPX2700AM3-5.0 SPX2700AT3-3 |
700mA Low Dropout Voltage Regulators With Shutdown(700mA,低压差稳压带关) 700mA的低压差稳压器具有关断(700mA的,低压差稳压器(带关断)) 700mA Low Dropout Voltage Regulators With Shutdown 700mA的低压差稳压器具有关 320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
SPC Technology Toshiba, Corp. SIPEX[Sipex Corporation]
|
20U6P45 |
RECTIFIER MODULE (THREE PHASE FULL WAVE BRIDGE APPLICATIONS) 320 x 240 pixel format, CFL backlight available with power harness RECTIFIERMODULE(THREEPHASEFULLWAVEBRIDGEAPPLICATIONS)
|
Toshiba Semiconductor Toshiba Corporation ToshibaSemiconductor
|
SGF23N60UFD SGF23N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 23 A, 600 V, N-CHANNEL IGBT Ultra-Fast IGBT Discrete, High Performance IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SGL160N60UFD SGL160N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 160 A, 600 V, N-CHANNEL IGBT, TO-264AA Ultrafast IGBT Discrete, High Performance IGBT with Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AG-320240D |
320 x 240 dots 1/240 Duty
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
FFA60U60DN FFA60U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness ULTRA FAST RECOVERY POWER RECTIFIER 60A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FFAF20U60DN FFAF20U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 20 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 20A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HE326XX11 |
320 X 240 Dots
|
HYES Optoelectronics, Inc.
|
150UR60DL 150U60DL 150U80DL 150UR100DL 150UR100D 1 |
STANDARD RECOVERY DIODES 600V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V150A性病。恢复二极管中的DO - 205AA(请 8)封 320 x 240 pixel format, CFL backlight available with power harness 标准恢复二极 800V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 800V50A性病。恢复二极管中的DO - 205AA(请 8)封
|
IRF[International Rectifier] Micro Commercial Components, Corp. International Rectifier, Corp. Microsemi, Corp.
|
HT2501ULH |
LCD MODULE (320 × RGB × 240) LCD MODULE (320 ? RGB ? 240)
|
HYES Optoelectronics, Inc.
|