PART |
Description |
Maker |
QL4036 QL4036-2PB256C QL4036-2PQ208M QL4036-1PB256 |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) Current sense transformer, RoHS Current sensor, SMT, RoHS Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA QuickRAM Combining Performance, Density and Embedded RAM(?ц????搴??宓??寮??缁????uickRAM绯诲?)
|
QuickLogic Corp. QuickLogic, Corp. Electronic Theatre Controls, Inc.
|
QL4090-0CF100M QL4090-0CF100M_883 QL4090-0CF208M Q |
90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 16,128 RAM bits. 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 25,344 RAM bits.
|
ETC[ETC] QuickLogic
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|
QL7100 QL7100_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL8025-7PQ208C QL8025-7PQ208I QL8025-7PQ208M QL802 |
Low power FPGA combining performance, density, embedded RAM.
|
QuickLogic
|
QL4058 QL4058-3PQ208M QL4058-0PB456M QL4058-0PQ208 |
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
|
Electronic Theatre Controls, Inc.
|
QL3006 |
PLD Gate pASIC 3 FPGA Combining High Performance and High Density
|
QuickLogic Corporation
|
ATSAM9713 |
Low Cost Integrated Synthesis with Effects ATSAM9713 [Updated 11/02. 14 Pages] The ATSAM9713 features highly integrated architecture combining a specialized high performance RISC digital signal processor and a general-purpose 16-bit CISC control processor on a single chip.
|
Atmel
|
STM32F103V8 STM32F103RBU6TR STM32F103RBU6XXX STM32 |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics http://
|
U74ACT240 U74ACT240G-P20-R U74ACT240G-P20-T U74ACT |
The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
|
Unisonic Technologies
|