PART |
Description |
Maker |
BUK9528-55 |
TrenchMOSTM)transistor Logic level FET(TrenchMOSTM)晶体管逻辑电平FET)
|
NXP Semiconductors N.V.
|
BUK7606-55 BUK7606-55A |
TrenchMOS(TM)transistor Standard level FET(TrenchMOS(TM)晶体管标准电平FET) Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 22x25 mm; Packaging: Bulk TrenchMOSTM)transistor Standard level FET(TrenchMOSTM)晶体管标准电平FET) TrenchMOS(商标)一级标准场效应晶体管(TrenchMOS(商标)晶体管标准电平场效应管)
|
Philips Semiconductors 3M Company
|
PHP222NQ04LT PHB222NQ04LT |
N-channel TrenchMOSTM logic level FET 75 A, 40 V, 0.0035 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
PH8230E |
N-channel Trenchmos (tm) enhanced logic level FET N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
KUK7604-40A |
TrenchMOSTM standard level FET
|
Guangdong Kexin Industrial Co.,Ltd
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
PHD69N03LT PHP69N03LT PHB69N03LT PHB69N03LT/T3 |
69 A, 25 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET N-channel TrenchMOS transistor Logic level FET(N沟道TrenchMOS 晶体管逻辑电平场效应管) N-channel TrenchMOS transistor Logic level FET(N娌??TrenchMOS ?朵?绠¢?杈??骞冲????绠々
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ST26C32A ST26C32ABD ST26C32ABDR ST26C32ABN ST26C32 |
FPGA, FLEX 10KE, 30K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K30E; Voltage, supply:2.5V; Case style MOSFET, N, SO-8; Transistor type:MOSFET; Current, Id cont:3.2A; Resistance, Rds on:5R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
|
意法半导 STMicroelectronics
|
TLP114A TLP114ATPRF |
Photocoupler GaAlAs Ired & Photo IC Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor. 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
MTD3055VL MTD3055VLNL |
N-Channel Logic Level Enhancement Mode Field Effect Transistor 12 A, 60 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 From old datasheet system M-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PHB11N03LT PHB_PHD11N03LT_1 PHD11N03LT |
N-channel TrenchMOS transistor Logic level FET From old datasheet system N-channel TrenchMOS TM transistor Logic level FET
|
PHILIPS[Philips Semiconductors]
|