PART |
Description |
Maker |
S87C652-5A44 S87C654-5A44 S87C654-4N40 S87C654-5B4 |
80C51 8-bit microcontroller 8K/16K/ 256 OTP/ I2C 80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44
|
Philips Semiconductors NXP Semiconductors N.V.
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
87C752 S87C752-5A28 S83C752-6A28-T NXPSEMICONDUCTO |
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC28 80C51 8-bit microcontroller family 2K/64 OTP/ROM/ 5 channel 8 bit A/D/ I2C/ PWM/ low pin count
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89LPC9331HDH P89LPC9361FDH P89LPC9341FDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable 8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89LPC935FA P89LPC936 P89LPC936FDH P89LPC935FHN P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
P89LPC9321 P89LPC9321FA P89LPC9321FDH P89LPC9321FN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM, SOT117-1 (DIP28), Tube 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDIP28
|
NXP Semiconductors N.V.
|
P89LPC935FHN P89LPC933HDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89LPC933FDH P89LPC935 P89LPC935FDH P89LPC935FA P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC9381FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
AT80C51RD2 |
80C51 High Performance 8-bit Microcontroller
|
Atmel
|
P89C51RD2BBD/01 P89C51RA2BBD/01 P89C51RB2BBD/01 P8 |
80C51 8-bit Flash microcontroller family
|
Philips Semiconductors NXP Semiconductors
|