PART |
Description |
Maker |
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
MC74LCX12505 MC74LCX125DTR2 MC74LCX125DTR2G MC74LC |
Low-Voltage CMOS Quad Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
|
http:// ONSEMI[ON Semiconductor]
|
MC74LCX244 MC74LCX244DT MC74LCX244DW MC74LCX244M M |
From old datasheet system LOW-VOLTAGE CMOS OCTAL TRANSCEIVER Low-Voltage CMOS Octal Buffer With 5V-Tolerant Inputs and Outputs(3-State, Non-Inverting)
|
Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
74ALVC16240 74ALVC16240MTD 74ALVC16240MTDX |
Quad 4-Bit Buffer/Driver ALVC/VCX/A SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp.
|
74LVX125MTC08 74LVX125M08 74LVX125SJ08 74LVX12508 |
Low Voltage Quad Buffer with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LCX12605 74LCX126SJ 74LCX126 74LCX126BQX 74LCX12 |
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX12608 74LCX126BQX |
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74LCX126-08 |
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74LCX125BQX08 74LCX125MTC08 74LCX125M-08 74LCX125S |
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|