PART |
Description |
Maker |
LTC1703 LTC1703CG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
|
Linear Technology
|
LTC3880-1 LTC3850 LTC3850-1 LTC3850-2 LTC3869-2 LT |
550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1873 LTC1873EG |
Dual 550kHz Synchronous2-Phase Switching Regulator Controller with 5-Bit VID Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
|
Linear Technology
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1435ACSTRPBF |
High Efficiency Low Noise Synchronous Step-Down Switching Regulator 2 A SWITCHING CONTROLLER, 138 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LTC1629 LTC1629C LTC1629I LTC1629C-PG LTC1629CG LT |
PolyPhase, High Efficiency,Synchronous Step-DownSwitching Regulator PolyPhase/ High Efficiency/ Synchronous Step-Down Switching Regulators PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Dual LinCMOS(TM) Timer 14-SOIC
|
Linear Technology Corporation
|
LTC3401EMS LTC3401 |
1A, 3MHz Micropower Synchronous Boost Converter 1.6 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 SMPS CONTROLLER,VOLTAGE-MODE,CMOS,TSSOP,10PIN,PLASTIC 1A/ 3MHz Micropower Synchronous Boost Converter From old datasheet system
|
Linear Technology, Corp. Linear Technology Corp LINER[Linear Technology]
|
LTC1438IGPBF LTC1439EGPBF LTC1439CGWPBF LTC1439IGW |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2 A DUAL SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1148CN-3.3 LTC1148HVCN-3.3 |
High Efficiency Synchronous Step-Down Switching Regulators CB 3C 3#16S SKT RECP WALL SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDIP14
|
Linear Technology, Corp.
|