PART |
Description |
Maker |
LT1765 LT1765-1.8 LT1765-2.5 LT1765-3.3 LT1765-5 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Monolithic 3A/ 1.25MHz Step-Down Switching Regulator Monolithic 3A, 1.25MHz Step-Down Switching Regulator
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
EUP2627 |
620kHz/1.25MHz Step-up DC/DC Converter
|
Eutech Microelectronics Inc
|
LT1961 |
1.25MHz, 1.5A, Step-Up Switching Regulator
|
Linear
|
EUP3290 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
LTC3410 |
2.25MHz/ 300mA Synchronous Step-Down Regulator
|
Linear Technology
|
BD90571EFJ-CE2 |
2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
SC4517AIMLXXTRT SC4517AEVB |
1.25MHz, 1.5A Step-Down Switching Regulator 1.25MHz的,1.5A的降压型开关稳压器
|
Semtech, Corp.
|
LTC3407A-2-15 |
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3410ESC6-1.2 LTC3410ESC6-1.5 LTC3410ESC6-1.65 L |
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
|
Linear Technology
|
LTC3406B-2 |
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Linear Technology
|
26
|