PART |
Description |
Maker |
LT1719 LT1719CS8 LT1719IS8 1719F LT1719CS6 LT1719I |
4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output From old datasheet system
|
LINER[Linear Technology]
|
LT1719IS6TR LT1719CS6TR LT1719CS6TRMPBF LT1719IS8P |
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO6 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO6
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
MAX4736EUB MAX4736EGC MAX4736 |
Automotive Catalog 3.3-V CAN Transceivers 8-SOIC -40 to 125 0.8 Low-Voltage Single-Supply Dual SPDT Analog Switch "0.8|?, Low-Voltage, Single- Supply, Dual SPDT Analog Switch" 0.8, Low-Voltage, Single-Supply, Dual SPDT Analog Switch From old datasheet system 0.8з, Low-Voltage, Single-Supply, Dual SPDT Analog Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
5962-9316301HTC 5962-9316301HYA |
Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
MAX4542 MAX4541-MAX4544 MAX4542CSA MAX4541EUA MAX4 |
" Low- Voltage, Single-Supply, Dual, SPST/SPDT Analog Switches" From old datasheet system Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches Fixed-Point Digital Signal Processor 179-BGA MICROSTAR DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD62707 AD627BNZ AD627BRZ AD627BRZ-R7 AD627BRZ-RL |
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial INSTRUMENTATION AMPLIFIER, 190 uV OFFSET-MAX, 0.08 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
EL2460 EL2260CN EL2260CS EL2460CS EL2460CN EL2260 |
1GHz, 4x1 Multiplexing Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Dual/Quad 130MHz Current Feedback Amplifiers Op Amp, Dual 130MHz, Current Feedback, 75?Cable Driver, Dual or Single Supply (33V) Op Amp, Quad 130MHz, Current Feedback, 75Cable Driver, Dual or Single Supply (33V)
|
INTERSIL[Intersil Corporation]
|
LT1211 LT1211ACN8 LT1211AMJ8 LT1211C LT1211CN8 LT1 |
14MHz/ 7V/us/ Single Supply Dual and Quad Precision Op Amps 14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps 14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps 14MHz 7V/us Single Supply Dual and Quad Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
GS88018BT-133 GS88018BT-133I GS88018BT-150 GS88018 |
133MHz 8.5ns 512K x 18 9Mb sync burst SRAM 150MHz 7.5ns 512K x 18 9Mb sync burst SRAM 166MHz 7ns 512K x 18 9Mb sync burst SRAM 200MHz 6.5ns 512K x 18 9Mb sync burst SRAM 225MHz 6ns 512K x 18 9Mb sync burst SRAM 250MHz 5.5ns 512K x 18 9Mb sync burst SRAM
|
GSI Technology
|
|