PART |
Description |
Maker |
MVPG15B-XX-NAE1C000 MVPG15E-XX-NAE1C000 MVPG15X MV |
SWITCHING REGULATOR, DSO12 Field Programmable DSP Switcher垄芒 1 MHz, 1.5A Peak Current-Limit Step-Down Regulator with AnyVoltage垄芒 Technology Field Programmable DSP Switcher 1 MHz, 1.5A Peak Current-Limit Step-Down Regulator with AnyVoltage Technology
|
MARVELL SEMICONDUCTOR INC Marvell Technology Group Ltd.
|
ADP3051ARMZ-REEL7 ADP3051 |
500 mA Synchronous Buck Switching Regulator 500 MA PWM STEP-DOWN DC-DC WITH SYNCHRONOUS RECTIFIER
|
Analog Devices
|
EVM3810-QB-01A |
6V, 1.2A Peak Synchronous Step-Down Switcher Evaluation Board
|
Monolithic Power System...
|
MP1499 MP1499GD |
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
|
Monolithic Power Systems
|
AZ34063A AZ34063AP-E1 AZ34063AM AZ34063AM-E1 AZ340 |
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1.5A的STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MP1499GD |
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
|
Monolithic Power System...
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 3通道DC / DC转换器集成电路的高效率升压和降压
|
Richtek Technology, Corp.
|
1-2007614-5 |
STEP-Z Mezzanine Connectors; STEP-Z 15MM PLUG 200P ( AMP )
|
Tyco Electronics
|
AN8049FHN |
1.8-volt 3-channel step-up/ step-down/ and polarity inverting DC-DC converter control IC
|
Panasonic Semiconductor
|