PART |
Description |
Maker |
IS62WV12816DALL/DBLL IS65WV12816DALL/DBLL |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
MAX6380 MAX6380R33-T MAX6380R34-T MAX6380R35-T MAX |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 2.4V Ultra-low-power voltage detector, 2.8V Ultra-low-power voltage detector, 3.4V Ultra-low-power voltage detector, 3.3V Ultra-low-power voltage detector, 4.2V 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 2-W Stereo Audio Power Amplifier with DirectPath(TM) Headphone and Regulator 32-QFN -40 to 85 50-mW Ultra Low-Voltage Stereo Headphone Audio Amplifier 8-MSOP -40 to 85 3-Pin Ultra-Low-Power SC70/SOT23 Voltage Detectors " 3-Pin, Ultra- Low-Power, SC70 Voltage Detector" "3-Pin, Ultra- Low-Power, SC70 Voltage Detector" 3-Pin / Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 4.1V Ultra-low-power voltage detector, 3.9V Ultra-low-power voltage detector, 3.6V Ultra-low-power voltage detector, 3.7V Ultra-low-power voltage detector, 2.2V Ultra-low-power voltage detector, 3.0V Ultra-low-power voltage detector, 4.6V
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
GLT6200L16LI-70FG GLT6200L16LI-85TC GLT6200L16LI-5 |
70ns; Ultra low power 128K x 16 CMOS SRAM 85ns; Ultra low power 128K x 16 CMOS SRAM 55ns; Ultra low power 128K x 16 CMOS SRAM
|
G-LINK Technology
|
IS62WV12816BLL-55TI IS62WV12816BLL-55T IS62WV12816 |
128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44 Circular Connector; No. of Contacts:6; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
IS62LV12816LL IS62LV12816L IS62LV12816L-55B IS62LV |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IC62LV1024AL IC62LV1024ALL-45B IC62LV1024ALL-45BI |
70ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128K x 8 Ultra Low Power and Low VCC SRAM From old datasheet system 55ns; 2.7-3.3V; 128K x 8 low-power and low Vcc CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
SD18U128 |
Ultra Low Power 128K x 8 CMOS SRAM
|
Soft Device
|
MAX6842 MAX6845 MAX6844 MAX6841 MAX6843 MAX6842FUK |
Ultra-Low-Voltage µP Reset Circuits and Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Ultra-Low-Voltage ?P Reset Circuits and Voltage Detectors
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
N02L163WN1A |
2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K x 16 bit
|
NanoAmp Solutions
|
NCV8703MX30TCG NCV8703MX18TCG NCV8703MX28TCG NCV87 |
300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
|
ON Semiconductor
|