PART |
Description |
Maker |
FQB34N20L FQI34N20L FQB34N20LTMSB82076 FQB34N20LTM |
200V LOGIC N-Channel MOSFET 31 A, 200 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 200V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RFP2N20L FN2875 |
2A/ 200V/ 3.500 Ohm/ Logic Level/ N-Channel Power MOSFET 2A 200V 3.500 Ohm Logic Level N-Channel Power MOSFET From old datasheet system 2A, 200V, 3.500 Ohm, Logic Level, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FQI7N20L FQB7N20L FQB7N20LTM |
200V LOGIC N-Channel MOSFET 200V N-Channel Logic Level QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
PHU78NQ03LT PHP78NQ03LT |
N-channel TrenchMOS logic level FET N-channel TrenchMOSTM logic level FET 75 A, 25 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PHP191NQ06LT PHB191NQ06LT |
Logic level N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOS technology PHP/PHB191NQ06LT; N-channel Trenchmos (tm) logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
PMV45EN |
N-channel TrenchMOS logic level FET Logic-level compatible Very fast switching
|
TY Semiconductor Co., Ltd
|
FDP7030BL FDB7030BL FDP7030 FDB7030BLNL |
N-Channel Logic Level PowerTrenchTM MOSFET N-Channel Logic Level PowerTrench MOSFET 60 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ISL9N308AP3 ISL9N308AS3ST |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8mOhm N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ? N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 8M з N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m з 75 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
Fairchild Semiconductor, Corp.
|
FDB886010 FDB8860F085 FDB8860-F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.6m
|
Fairchild Semiconductor
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FDB6030BL FDB6030BLNL |
N-Channel Logic Level PowerTrench MOSFET N-Channel Logic Level PowerTrench MOSFET From old datasheet system N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor
|