PART |
Description |
Maker |
MAX6388XS16D3T MAX6383LT17D6 MAX6383LT17D6T MAX638 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
MAXIM - Dallas Semiconductor
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MIC277605 |
Micro-Power Low Voltage Supervisor
|
Micrel Semiconductor
|
MIC277705 MIC2777-XXBM5 |
Dual Micro-Power Low Voltage Supervisor
|
http:// Micrel Semiconductor
|
MAX6736XKYDD3T MAX6743XKYDD3 MAX6741XKYDD3 MAX6741 |
Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits
|
MAXIM - Dallas Semiconductor
|
BS616LV2016 BS616LV201 BS616LV2016DC BS616LV2016EI |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 LM4935 Boomer ® Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC; Package: MICRO SMDXT; No of Pins: 49 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers; Package: MICRO SMDXT; No of Pins: 49 Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
DG3003DB DG3001 DG3001DB DG3002 DG3002DB DG3003 |
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch 低电压分欧姆聚苯乙烯/单刀双掷模拟开关微动脚 Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch Low-Voltage Sub-Ohm SPST MICRO FOOT Analog Switch Low-Voltage Sub-Ohm SPDT MICRO FOOT Analog Switch
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
P4C1258-25CMB P4C1258L-25CMB P4C1258-45LMB P4C1258 |
VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R Micro Power Voltage detector, w/push pull active low, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R MICTO POWER VOLTAGE DETECTOR, W/ACTIVE DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R x4的SRAM MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN ACTIVE LOW, -40C to 125C, 4-SOT-143, T/R x4的SRAM VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R x4的SRAM x4 SRAM x4的SRAM
|
Unisonic Technologies Co., Ltd. Pyramid Semiconductor, Corp.
|
MC5619 MC5610 MC5610_04 MC5611 MC5612 MC5613 MC561 |
FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
MAX16006DTG |
Low-Voltage, Quad-/Hex-/Octal-Voltage µP Supervisors in TQFN
|
MAXIM - Dallas Semiconductor
|