PART |
Description |
Maker |
DF20BA80 DF20BA40 DF20BA40-80 |
From old datasheet system DIODE(THREE PHASES BRIDGE TYPE)
|
SANREX[SanRex Corporation]
|
DF20DB80 DF20DB40 DF20DB40-80 |
THREE PHASE DIODE MODULES (BRIDGE) DIODE(THREE PHASES BRIDGE TYPE) From old datasheet system
|
SANREX[SanRex Corporation]
|
DF150BA80 DF150BA40 DF150BA40-80 |
THREE PHASE DIODE MODULES (BRIDGE) From old datasheet system DIODE(THREE PHASES BRIDGE TYPE)
|
SANREX[SanRex Corporation]
|
DF200AA160 DF200AA120 DF200AA120-160 |
DIODE(THREE PHASES BRIDGE TYPE) From old datasheet system DIODE MODULE
|
SANREX[SanRex Corporation] sanrex B257
|
DF75LB160 DF75LB80 DF75LA_LB80-160 DF75LA160 DF75L |
DIODE(THREE PHASES BRIDGE TYPE) 二极管(三相桥型 From old datasheet system THREE PHASE DIODE MODULES DF-LA/LB SERIES
|
Sanrex, Corp. SANREX[SanRex Corporation]
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
KBPC5000S KBPC5001S KBPC4000S KBPC4001S KBPC5010S |
16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 40/50A IN-LINE BRIDGE RECTIFIER 40,50A IN-LINE BRIDGE RECTIFIER Hex D-Type Flip-Flops With Clear 16-PDIP -40 to 85 40,50 A在在线桥式整流器
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
1KAB20E 1KAB100E 1KAB80E 1KAB-E 1KAB10E 1KAB40E 1K |
200V Bridge in a D-38 package 50V Bridge in a D-38 package 1000V Bridge in a D-38 package 100V Bridge in a D-38 package 400V Bridge in a D-38 package 600V Bridge in a D-38 package 800V Bridge in a D-38 package 1.2 amp rectifier bridge
|
http:// IRF[International Rectifier]
|
DBF60 DBF60G DBF60C |
6.0A Single-Phase Bridge Rectifier 6.0a下单相桥式整流器 High-Speed Rectifying Diodes Silicon Diffused Junction Type 6.0A Single-Phase Bridge Rectifier
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
X9241WP X9241WPI X9241WPM X9241WS X9241WSI X9241WS |
Bridge Rectifier; Phases:Three; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):150A; Forward Voltage Max, VF:1.35V; Package/Case:G18; Forward Current:150A; Forward Voltage:1.35V 四E2POT⑩非易失数字电位 Quad E2POT Nonvolatile Digital Potentiometer Quad E2POT??Nonvolatile Digital Potentiometer Quad E2POT⑩ Nonvolatile Digital Potentiometer
|
PATLITE, Corp. XICOR[Xicor Inc.]
|
IR15XB.. IR15XB08 IR15XB02 IR15XB04 IR15XB06 |
DIODE 15 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE, Bridge Rectifier Diode 15.0 Amps Single Phase Full Wave Bridge Rectifier 800V Bridge in a IR15XB package 200V Bridge in a IR15XB package 400V Bridge in a IR15XB package 600V Bridge in a IR15XB package
|
Vishay Semiconductors International Rectifier
|